Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZ-R21-A2 Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # BZ-R21-A2
Description  Basic Switches Standard
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

BZ-R21-A2 Datasheet(HTML) 6 Page - Honeywell Accelerometers

Back Button BZ-R21-A2 Datasheet HTML 2Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 3Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 4Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 5Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 6Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 7Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 8Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 9Page - Honeywell Accelerometers BZ-R21-A2 Datasheet HTML 10Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
51
OVERTRAVEL
PLUNGER
ORDER GUIDE
Electrical
Data and
O.F.
R.F. min.
P.T. max.
O.T. min.
D.T.
O.P.**
UL Codes
newtons
newtons
mm
mm
mm
mm
Catalog Listing
Recommended For
Page 46
ounces
ounces
inches
inches
inches
inches
BZ-2RQ-A2
Added overtravel. For
manual in-line operation and
for slow 30
° (max) rise cams
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
5,56
.219
0,01-0,05
.0004-
.0020
38,10
±0,51
1.500
±.020
BZ-2RQ24-A2
Operating in temperature
to
±250°F (121°C)
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
5,56
.219
0,01-0,05
.0004-
.0020
38,10
±0,51
1.500
±.020
Dim. Dwg. Fig. 16
BZ-2RQ172-A2
Applications requiring gold
alloy contacts
1 Amp
P
2,5-3,61
9-13
1,11
4
0,38
.015
5,56
.219
0,01-0,05
.0004-
.0020
21,82
.859
BZ-2RQ1-A2
BZ-2RQ-A2 type applications
with panel mount
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
5,56
.219
0,01-0,05
.0004-
.0020
21,82
.859
BZ-2RQ1T04
MIL-S-8805 application
requirements
15 Amps
A
2,5-3,61
9-13
1,67
6
0,38
.015
5,56
.219
0,01-0,05
.0004-
.0020
21,82
.859
(M8805/1-020)
BZ-2RQ124-A2
Operating in temperature
to
±250°F (121°C)
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
5,56
.219
0,01-0,05
.0004-
.0020
21,82
.859
BZ/BM TYPE
Dim. Dwg. Fig. 17
BZ-2RN702
Furnished with
unassembled seal
boot.
15 Amps
X
2,5-3,61
9-13
1,11
4
0,38
0.15
3,18
.125
0,01-0,05
.0004-
.0020
48,4
±0,50
1.906
±.020
BZ-RQ1X
Manual reset.
Solder terminals
15 Amps
E
1,67-2,64
6-9.5
–
–
0,30
0.12
5,56
.219
–
–
23,42
±1,14
.922
±.045
7,14*
.281*
BA-2RQ1-A2
Up to 20 ampere load
handling
20 Amps
G
3,89-6,12
14-22
2,78
10
1,27
.050
5,56
.219
0,05-0,19
.0020-
.0075
21,82
.859
BM-1RQ1-A2
Up to 22 ampere load
handling
22 Amps
F
1,95-2,78
7-10
1,11
4
0,38
.015
5,56
.219
0,013-
0,025
.0005-
.0010
21,82
.859
BA TYPE
Dim. Dwg. Fig. 18
BZ-2RQ1872-A2
Applications requiring gold
alloy contacts
1 Amp
P
2,5-3,61
9-13
1,11
4
0,38
.015
3,56
.140
0,01-0,05
.0004-
.0020
33,32
±1,14
1.312
±.045
BZ-2RQ18-A2
Added overtravel. Roller
plunger for rapid cam (30
°
max) rise and slide
operation. Panel mount
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
3,56
.140
0,01-0,05
.0004-
.0020
33,32
±1,14
1.312
±.045
BZ-2RQ1824-A2
Operating in temperature
to
±250°F) (121°C)
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
3,56
.140
0,01-0,05
.0004-
.0020
33,32
±1,14
1.312
±.045
BZ-2AQ18T1
Double-break
circuitry
15 Amps
T
3,89-6,68
14-24
1,11
4
0,51
.020
3,58
.141
0,03-0,10
.001-.004
33,35
±1,19
1.313
±.047
BM-1RQ18-A2
Up to 22 ampere load
handling
22 Amps
F
1,95-2,78
7-10
1,11
4
0,38
.015
3,56
.140
0,013-
0,025
.0005-
.0010
33,32
±1,14
1.312
±.045
Dim. Dwg. Fig. 19
BZ-2RQ181-A2
Applications requiring
roller plunger 90
° to major
axis of switch
15 Amps
A
2,5-3,61
9-13
1,11
4
0,38
.015
3,56
.140
0,01-0,05
.0004-
.0020
33,32
±1,14
1.312
±.045
* Reset characteristics.
Except where stated **
±0,76 mm
±.030 in.
Dim. Dwg. Fig. 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com