Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6467 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6467
Description  Digital Media System-on-Chip
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6467 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320DM6467 Datasheet HTML 17Page - Texas Instruments TMS320DM6467 Datasheet HTML 18Page - Texas Instruments TMS320DM6467 Datasheet HTML 19Page - Texas Instruments TMS320DM6467 Datasheet HTML 20Page - Texas Instruments TMS320DM6467 Datasheet HTML 21Page - Texas Instruments TMS320DM6467 Datasheet HTML 22Page - Texas Instruments TMS320DM6467 Datasheet HTML 23Page - Texas Instruments TMS320DM6467 Datasheet HTML 24Page - Texas Instruments TMS320DM6467 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 355 page
background image
TMS320DM6467
www.ti.com
SPRS403H – DECEMBER 2007 – REVISED JUNE 2012
Table 3-3. Memory Map Summary (continued)
MASTER PERIPHERAL ACCESSIBILITY
(1)
START
END
SIZE
EDMA/
ARM
C64x+
Video
TSIF
ADDRESS
ADDRESS
(Bytes)
PERIPHERAL
VDCE
EMAC
HPI
PCI
USB
VLYNQ
ATA
Port
(0/1)
0x11F0 0000
0x11F0 7FFF
32K
L1D RAM/Cache
L1D RAM/Cache
L1D RAM/Cache
✓
✓
✓
✓
✓
0x11F0 8000
0x11FF FFFF
992K
Reserved
Reserved
Reserved
0x1200 0000
0x1FFF FFFF
224M
0x2000 0000
0x2000 7FFF
32K
DDR2 Control
DDR2 Control
DDR2 Control
✓
Registers
Registers
Registers
0x2000 8000
0x2000 FFFF
32K
EMIFA Control
EMIFA Registers
EMIFA Registers
Registers
0x2001 0000
0x2001 7FFF
32K
VLYNQ Control
VLYNQ Registers
VLYNQ Registers
Registers
0x2001 8000
0x200F FFFF
928K
Reserved
Reserved
Reserved
0x2010 0000
0x2FFF FFFF
255M
0x3000 0000
0x3FFF FFFF
256M
PCI Data
PCI Data
0x4000 0000
0x403F FFFF
4M
Reserved
Reserved
Reserved
0x4040 0000
0x4043 FFFF
256K
0x4044 0000
0x4047 FFFF
256K
0x4048 0000
0x404B FFFF
256K
0x404C 0000
0x404F FFFF
256K
0x4050 0000
0x405F FFFF
1M
0x4060 0000
0x4063 FFFF
256K
Reserved
Reserved
Reserved
0x4064 0000
0x4067 FFFF
256K
0x4068 0000
0x406B FFFF
256K
0x406C 0000
0x406F FFFF
256K
0x4070 0000
0x41FF FFFF
25M
0x4200 0000
0x43FF FFFF
32M
EMIFA Data (CS2)
(4)
EMIFA Data (CS2)
(4)
EMIFA Data (CS2)
(4)
✓
✓
✓
✓
0x4400 0000
0x45FF FFFF
32M
EMIFA Data (CS3)
(4)
EMIFA Data (CS3)
(4)
EMIFA Data (CS3)
(4)
✓
✓
✓
✓
0x4600 0000
0x47FF FFFF
32M
EMIFA Data (CS4)
(4)
EMIFA Data (CS4)
(4)
EMIFA Data (CS4)
(4)
✓
✓
✓
✓
0x4800 0000
0x49FF FFFF
32M
EMIFA Data (CS5)
(4)
EMIFA Data (CS5)
(4)
EMIFA Data (CS5)
(4)
✓
✓
✓
✓
0x4A00 0000
0x4BFF FFFF
32M
Reserved
Reserved
Reserved
0x4C00 0000
0x4FFF FFFF
64M
VLYNQ (Remote Data) VLYNQ (Remote Data) VLYNQ (Remote Data)
✓
✓
✓
✓
✓
✓
✓
0x5000 0000
0x7FFF FFFF
768M
Reserved
Reserved
Reserved
0x8000 0000
0x9FFF FFFF
512M
DDR2 Memory
DDR2 Memory
DDR2 Memory
✓
✓
✓
✓
✓
✓
✓
✓
✓
0xA000 0000
0xBFFF FFFF
512M
Reserved
Reserved
Reserved
0xC000 0000
0xFFFF FFFF
1G
Reserved
Reserved
Reserved
(4)
EMIFA CS0 and CS1 are not functionally supported on the DM6467, and therefore, are not pinned out.
Copyright © 2007–2012, Texas Instruments Incorporated
Device Overview
21
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com