Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP723ABG Datasheet(PDF) 1 Page - Littelfuse

Part # SP723ABG
Description  5pF 8kV Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP723ABG Datasheet(HTML) 1 Page - Littelfuse

  SP723ABG Datasheet HTML 1Page - Littelfuse SP723ABG Datasheet HTML 2Page - Littelfuse SP723ABG Datasheet HTML 3Page - Littelfuse SP723ABG Datasheet HTML 4Page - Littelfuse SP723ABG Datasheet HTML 5Page - Littelfuse SP723ABG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
75
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPA™Family of Products)
Revision: March 20, 2012
SP723 Lead-Free/Green Series
General Purpose ESD Protection - SP723 Series
Description
Features
- IEC 61000-4-2, Direct Discharge .......... 8kV (Level 4)
- IEC 61000-4-2, Air Discharge...............15kV (Level 4)
- MIL-STD-3015.7 .................................................25kV
- IEC 61000-4-5 8/20μs Peak Pulse Current.......... ±7A
- Single Transient Pulse, 100μs Pulse Width ......... ±4A
- Single-Ended Voltage Range to ........................ +30V
- Differential Voltage Range to ............................ ±15V
..............................................2ns Risetime
............................2nA at 25ºC Typical
.....................................5pF Typical
....................-40ºC to 105ºC
Applications
The SP723 is an array of SCR/Diode bipolar structures for
ESD and over-voltage protection of sensitive input circuits.
The SP723 has 2 protection SCR/Diode device structures
per input. There are a total of 6 available inputs that can be
used to protect up to 6 external signal or bus lines. Over-
voltage protection is from the IN (Pins 1 - 3 and Pins 5 - 7)
to V+ or V-.
The SCR structures are designed for fast triggering at a
threshold of one +V
BE diode threshold above V+ (Pin 8) or
a -V
BE diode threshold below V- (Pin 4). From an IN input,
a clamp to V+ is activated if a transient pulse causes the
input to be increased to a voltage level greater than one
V
BE above V+. A similar clamp to V- is activated if a negative
pulse, one V
BE less than V-, is applied to an IN input.
Refer to Fig 1 and Table 1 for further details. Refer to
Application Note AN9304 and AN9612 for further detail.
Input Protection
Protection
Pinout
Functional Block Diagram
4
V+
V-
IN
3, 5-7
IN
IN
1
8
2
SP723 (PDIP, SOIC)
TOP VIEW
IN
IN
IN
V-
1
2
3
4
8
7
6
5
V+
IN
IN
IN
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS
Pb GREEN
SP723 Series 5pF 8kV Diode Array


Similar Part No. - SP723ABG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP723AB LITTELFUSE-SP723AB Datasheet
255Kb / 6P
TVS Diode Arrays - Electronic Protection Array for ESD and Overvoltage Protection
SP723AB LITTELFUSE-SP723AB Datasheet
260Kb / 6P
TVS Diode Arrays
SP723ABT LITTELFUSE-SP723ABT Datasheet
260Kb / 6P
TVS Diode Arrays
More results

Similar Description - SP723ABG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1004 LITTELFUSE-SP1004 Datasheet
734Kb / 6P
5pF Bidirectional TVS Array for ESD Protection
SP1004 LITTELFUSE-SP1004_10 Datasheet
408Kb / 6P
SPA??Silicon Protection Array Products 5pF Bidirectional TVS Array for ESD Protection
SP1002 LITTELFUSE-SP1002_11 Datasheet
232Kb / 4P
SP1002 Series 5pF 8kV Bidirectional TVS Array
SP1004 LITTELFUSE-SP1004_11 Datasheet
245Kb / 4P
SP1004 Series 5pF 8kV Bidirectional TVS Array
logo
GETAI ELECTRONICS DEVIC...
2CL2FF GETEDZ-2CL2FF Datasheet
66Kb / 1P
8kV 60mA HIGH VOLTAGE DIODE
CL03-08 GETEDZ-CL03-08 Datasheet
80Kb / 1P
8kV 400mA HIGH VOLTAGE DIODE
logo
Littelfuse
SP3006 LITTELFUSE-SP3006 Datasheet
1Mb / 5P
0.5pF, 8kV Diode Array
SP1002 LITTELFUSE-SP1002_17 Datasheet
683Kb / 4P
5pF 8kV Bidirectional TVS Array
SP1004 LITTELFUSE-SP1004_17 Datasheet
704Kb / 4P
5pF 8kV Bidirectional TVS Array
SP1015 LITTELFUSE-SP1015 Datasheet
1Mb / 4P
SP1015 Series 5pF, 20kV Bidirectional TVS Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com