Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP0502BAJTG Datasheet(PDF) 1 Page - Littelfuse

Part # SP0502BAJTG
Description  30pF 30kV Unidirectional TVS Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0502BAJTG Datasheet(HTML) 1 Page - Littelfuse

  SP0502BAJTG Datasheet HTML 1Page - Littelfuse SP0502BAJTG Datasheet HTML 2Page - Littelfuse SP0502BAJTG Datasheet HTML 3Page - Littelfuse SP0502BAJTG Datasheet HTML 4Page - Littelfuse SP0502BAJTG Datasheet HTML 5Page - Littelfuse SP0502BAJTG Datasheet HTML 6Page - Littelfuse SP0502BAJTG Datasheet HTML 7Page - Littelfuse SP0502BAJTG Datasheet HTML 8Page - Littelfuse SP0502BAJTG Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
15
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPAFamily of Products)
Revision: March 20, 2012
SP050xBA Lead-Free/Green Series
General Purpose ESD Protection - SP05 Series
Description
Features
Applications
This surface mount family of arrays suppresses ESD and
other transient overvoltage events. Used to meet the
International Electrotechnical Compatibility (IEC transient
immunity standards IEC 61000-4-2 for Electrostatic
Discharge Requirements), these devices can help protect
sensitive digital or analog input circuits on data, signal, or
control lines with voltage levels up to 5VDC.
The monolithic silicon arrays are comprised of specially
designed structures for transient voltage suppression (TVS).
The size and shape of these structures have be tailored
for transient protection. The low capacitance and clamp
voltage are ideal for high speed signal line protection.
Assistants (PDA)
equipment (Laptop,
Palmtop computers)
(USB1.1)
Pinout
1
2
3
SP0502BAHTG
SP0502BAJTG
small SC70, SOT-23, SOT-143 or MSOP packages
- IEC 61000-4-2, Direct Discharge ........ 30kV (Level 4)
- IEC 61000-4-2, Air Discharge.............. 30kV (Level 4)
- MIL STD 883 3015.7..........................................30kV
..................................................<1ns
...................................30pF Typical
..................... -40ºC to 85ºC
1
2
3
4
SP0503BAHTG
1
2
3
4
5
SP0504BAHTG
SP0504BAJTG
1
2
3
4
6
5
SP0505BAHTG
8
76
5
4
3
2
1
SP0506BAATG
SP0505BAJTG
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS
Pb GREEN
SP05 Series - 30pF 30kV Unidirectional TVS Array


Similar Part No. - SP0502BAJTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0502BAJTG LITTELFUSE-SP0502BAJTG Datasheet
178Kb / 7P
SP050xBA Lead-Free/Green Series
SP0502BAJTG LITTELFUSE-SP0502BAJTG Datasheet
104Kb / 1P
Silicon Protection Arrays
SP0502BAJTG LITTELFUSE-SP0502BAJTG Datasheet
1Mb / 9P
30pF 30kV Unidirectional TVS Array
SP0502BAJTG LITTELFUSE-SP0502BAJTG Datasheet
964Kb / 7P
8pF 15kV Unidirectional TVS Array
More results

Similar Description - SP0502BAJTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1003 LITTELFUSE-SP1003_11 Datasheet
243Kb / 4P
SP1003 Series - 30pF 30kV Unidirectional Discrete TVS
SP05 LITTELFUSE-SP05_17 Datasheet
1Mb / 9P
30pF 30kV Unidirectional TVS Array
SP1003 LITTELFUSE-SP1003_17 Datasheet
1,009Kb / 5P
30pF 30kV Unidirectional Discrete TVS
SP1005 LITTELFUSE-SP1005_17 Datasheet
915Kb / 5P
30pF 30kV Bidirectional Discrete TVS
SP1009 LITTELFUSE-SP1009 Datasheet
656Kb / 4P
30pF 30kV Bidirectional Discrete TVS
AQ1005 LITTELFUSE-AQ1005 Datasheet
631Kb / 4P
AQ1005 Series 30pF 30kV Bidirectional Discrete TVS
AQ1003 LITTELFUSE-AQ1003 Datasheet
613Kb / 5P
AQ1003 Series - 30pF 30kV Unidirectional Discrete TVS
SP1044 LITTELFUSE-SP1044 Datasheet
2Mb / 4P
SP1044 Series 30pF 30kV Unidirectional Discrete TVS
SP1305 LITTELFUSE-SP1305 Datasheet
952Kb / 5P
SP1305 30pF, 30kV TVS Diode Array
AQ1003-01LTG LITTELFUSE-AQ1003-01LTG Datasheet
933Kb / 5P
AQ1003-01LTG, 30pF 30kV Unidirectional Discrete TVS
2019 Littelfuse, Inc
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com