Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM3703CBPD100 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CBPD100
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CBPD100 Datasheet(HTML) 94 Page - Texas Instruments

Back Button AM3703CBPD100 Datasheet HTML 90Page - Texas Instruments AM3703CBPD100 Datasheet HTML 91Page - Texas Instruments AM3703CBPD100 Datasheet HTML 92Page - Texas Instruments AM3703CBPD100 Datasheet HTML 93Page - Texas Instruments AM3703CBPD100 Datasheet HTML 94Page - Texas Instruments AM3703CBPD100 Datasheet HTML 95Page - Texas Instruments AM3703CBPD100 Datasheet HTML 96Page - Texas Instruments AM3703CBPD100 Datasheet HTML 97Page - Texas Instruments AM3703CBPD100 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 2-5. External Memory Interfaces
– GPMC Signals Description(1) (continued)
SIGNAL NAME
DESCRIPTION [2]
TYPE
BALL
BALL
BALL BOTTOM
BALL TOP
BALL
SUBSYSTEM
[1]
[3]
BOTTOM
TOP
(CBC Pkg.) [4]
(CBC Pkg.) [5]
BOTTOM
PIN
(CBP
(CBP
(CUS
MULTIPLEXING
Pkg.) [4]
Pkg.) [5]
Pkg.) [4]
[6]
gpmc_d10
GPMC data bit 10 / multiplexed
IO
P1
AB4
T1
N1
U1
gpmc_d10
address gpmc_a11
gpmc_d11
GPMC data bit 11 / multiplexed
IO
R1
AC4
U2
P2
R3
gpmc_d11
address gpmc_a12
gpmc_d12
GPMC data bit 12 / multiplexed
IO
R2
AB6
U1
P1
T3
gpmc_d12
address gpmc_a13
gpmc_d13
GPMC data bit 13 / multiplexed
IO
T2
AC6
P1
M1
U2
gpmc_d13
address gpmc_a14
gpmc_d14
GPMC data bit 14 / multiplexed
IO
W1
AB7
L2
J2
V1
gpmc_d14
address gpmc_a15
gpmc_d15
GPMC data bit 15 / multiplexed
IO
Y1
AC7
M2
K2
V2
gpmc_d15
address gpmc_a16
gpmc_ncs0
GPMC Chip Select bit 0
O
G4
Y2
AD8
AA8
E2
NA
gpmc_ncs1
GPMC Chip Select bit 1
O
H3
Y1
AD1
W1
NA
NA
gpmc_ncs2
GPMC Chip Select bit 2
O
V8
NA
A3
NA
NA
NA
gpmc_ncs3
GPMC Chip Select bit 3
O
U8
NA
B6
NA
D2
NA
gpmc_ncs4
GPMC Chip Select bit 4
O
T8
NA
B4
NA
F4
NA
gpmc_ncs5
GPMC Chip Select bit 5
O
R8
NA
C4
NA
G5
NA
gpmc_ncs6
GPMC Chip Select bit 6
O
P8
NA
B5
NA
F3
NA
gpmc_ncs7
GPMC Chip Select bit 7
O
N8
NA
C5
NA
G4
NA
gpmc_io_dir
GPMC IO direction control for use
O
N8
NA
C5
NA
G4
NA
with external transceivers
gpmc_clk
GPMC clock
O
T4
W2
N1
L1
W2
NA
gpmc_nadv_ale Address Valid or Address Latch
O
F3
W1
AD10
AA9
F1
NA
Enable
gpmc_noe
Output Enable
O
G2
V2
N2
L2
F2
NA
gpmc_nwe
Write Enable
O
F4
V1
M1
K1
G3
NA
gpmc_nbe0_cle Lower Byte Enable. Also used for
O
G3
AC12
K2
NA
K5
NA
Command Latch Enable
gpmc_nbe1
Upper Byte Enable
O
U3
NA
J1
NA
L1
NA
gpmc_nwp
Flash Write Protect
O
H1
AB10
AC6
Y5
E1
NA
gpmc_wait0
External indication of wait
I
M8
AB12
AC11
Y10
C1
NA
gpmc_wait1
External indication of wait
I
L8
AC10
AC8
Y8
NA
NA
gpmc_wait2
External indication of wait
I
K8
NA
B3
NA
NA
NA
gpmc_wait3
External indication of wait
I
J8
NA
C6
NA
C2
NA
(1) NA in table stands for "Not Applicable".
NOTE
For more information, see Memory Subsystem / SDRAM Controller (SDRC) Subsystem /
SDRC Subsystem Environment section of the AM/DM37x Multimedia Device Technical
Reference Manual (literature number SPRUGN4).
94
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com