Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CT1812S75ATELEG2 Datasheet(PDF) 4 Page - EPCOS

Part # CT1812S75ATELEG2
Description  Ceramic transient voltage suppressors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT1812S75ATELEG2 Datasheet(HTML) 4 Page - EPCOS

  CT1812S75ATELEG2 Datasheet HTML 1Page - EPCOS CT1812S75ATELEG2 Datasheet HTML 2Page - EPCOS CT1812S75ATELEG2 Datasheet HTML 3Page - EPCOS CT1812S75ATELEG2 Datasheet HTML 4Page - EPCOS CT1812S75ATELEG2 Datasheet HTML 5Page - EPCOS CT1812S75ATELEG2 Datasheet HTML 6Page - EPCOS CT1812S75ATELEG2 Datasheet HTML 7Page - EPCOS CT1812S75ATELEG2 Datasheet HTML 8Page - EPCOS CT1812S75ATELEG2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Temperature derating
Climatic category:
40/+85
°C
Electrical specifications and ordering codes
Maximum ratings (Top,max = 85
°C)
Type
Ordering code
VRMS,max
V
VDC,max
V
Isurge,max
(10 pulses,
10/700 µs)
A
Isurge,max
(8/20 µs)
A
Wmax
(2 ms)
mJ
Pdiss,max
(2 ms)
mW
CT1812S60AG2
B72580T0600S172 60
85
45
400
2200 15
CT1812K75TELEG2
B72580T6750K072 75
100
45
400
2500 15
CT1812S95AG2
B72580T0950S172 95
125
45
250
2800 15
CT1812K115TELEG2 B72580T6111K072 115
150
45
250
3200 15
Characteristics (TA = 25
°C)
Type
VV
(1 mA)
V
∆V
V
%
Vclamp,max
V
Iclamp
(8/20 µs)
A
Ctyp
(1 kHz, 1 V)
pF
CT1812S60AG2
100
+19/ 1
200
45
400
CT1812K75TELEG2
120
±10
250
45
320
CT1812S95AG2
150
+20/0
270
45
250
CT1812K115TELEG2
180
±10
360
45
200
Notes
In addition to the telecom varistors listed above, all varistors of the standard series can be used
for telecom applications if the selection criteria are considered.
These telecom varistors in multilayer technology are not suitable for the operation on AC
mains.
Multilayer varistors (MLVs)
Telecom series
Page 4 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com