Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CT1812S95ATELEG2 Datasheet(PDF) 18 Page - EPCOS

Part # CT1812S95ATELEG2
Description  Ceramic transient voltage suppressors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT1812S95ATELEG2 Datasheet(HTML) 18 Page - EPCOS

Back Button CT1812S95ATELEG2 Datasheet HTML 14Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 15Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 16Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 17Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 18Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 19Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 20Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 21Page - EPCOS CT1812S95ATELEG2 Datasheet HTML 22Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
2.3
Lead-free soldering processes
EPCOS multilayer CTVS with AgNiSn termination are designed for the requirements of lead-free
soldering processes only.
Soldering temperature profiles to JEDEC J-STD-020D, IEC 60068-2-58 and ZVEI recommenda-
tions.
3
Recommended soldering methods - type-specific releases by EPCOS
3.1
Overview
Reflow soldering
Wave soldering
Type
Case size
SnPb
Lead-free
SnPb
Lead-free
CT... / CD...
0201/ 0402
Approved
Approved
No
No
CT... / CD...
0603 ... 2220
Approved
Approved
Approved
Approved
CN...
0603 ... 2220
Approved
No
Approved
No
CN...K2
1812, 2220
Approved
Approved
No
No
Arrays
0405 ... 1012
Approved
Approved
No
No
ESD/EMI filters 0405, 0508
Approved
Approved
No
No
CU
3225, 4032
Approved
Approved
Approved
Approved
SHCV
-
No
No
Approved
Approved
3.2
Nickel barrier and AgPt terminated multilayer CTVS
All EPCOS MLVs with nickel barrier and AgPt termination are suitable and fully qualiyfied for lead-
free soldering. The nickel barrier layer is 100% matte tin-plated.
3.3
Silver-palladium terminated MLVs
AgPd-terminated MLVs are mainly designed for conductive adhesion technology on hybrid materi-
al. Additionally MLVs with AgPd termination are suitable for reflow and wave soldering with SnPb
solder.
Note:
Lead-free soldering is not approved for MLVs with AgPd termination.
3.4
Silver-platinum terminated MLVs
The silver-platinum termination is approved for reflow soldering, SnPb soldering and lead-free
with a silver containing solder paste. In case of SnPb soldering, a solder paste Sn62Pb36Ag2 is
recommended. For lead-free reflow soldering, a solder paste SAC, e.g. Sn95.5Ag3.8Cu0.7, is
recommended.
Multilayer varistors (MLVs)
Telecom series
Page 18 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com