Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM2901E/2K Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901E/2K
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2901E/2K Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM2901E/2K Datasheet HTML 21Page - Texas Instruments PCM2901E/2K Datasheet HTML 22Page - Texas Instruments PCM2901E/2K Datasheet HTML 23Page - Texas Instruments PCM2901E/2K Datasheet HTML 24Page - Texas Instruments PCM2901E/2K Datasheet HTML 25Page - Texas Instruments PCM2901E/2K Datasheet HTML 26Page - Texas Instruments PCM2901E/2K Datasheet HTML 27Page - Texas Instruments PCM2901E/2K Datasheet HTML 28Page - Texas Instruments PCM2901E/2K Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
www.ti.com
D+/D–
SEL1(Pin9)
2.5V(Typ)
0V
InternalReset
ReadyforSetup
Attach
(ConnecttoUSBBus)
SOF
ReadyforPlayback
BusReset
SetConfiguration
SOF
SOF
BPZ
BusIdle
3.3V (Typ)
5V=V
BUS
(Typ)
1 AudioData
st
2
AudioData
nd
V
(Pin27)
DD
SSPND
V
L
OUT
V
R
OUT
700 s
m
DeviceSetup
1ms
T0055-03
PCM2901
PCM2903
SLES034C – MARCH 2002 – REVISED NOVEMBER 2007
Figure 35. Attach After Power On
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): PCM2901 PCM2903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com