Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM2901E/2KG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM2901E/2KG4
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2901E/2KG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM2901E/2KG4 Datasheet HTML 3Page - Texas Instruments PCM2901E/2KG4 Datasheet HTML 4Page - Texas Instruments PCM2901E/2KG4 Datasheet HTML 5Page - Texas Instruments PCM2901E/2KG4 Datasheet HTML 6Page - Texas Instruments PCM2901E/2KG4 Datasheet HTML 7Page - Texas Instruments PCM2901E/2KG4 Datasheet HTML 8Page - Texas Instruments PCM2901E/2KG4 Datasheet HTML 9Page - Texas Instruments PCM2901E/2KG4 Datasheet HTML 10Page - Texas Instruments PCM2901E/2KG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
www.ti.com
PCM2901
PCM2903
SLES034C – MARCH 2002 – REVISED NOVEMBER 2007
PCM2901 TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGNDC
11
–
Analog ground for codec
AGNDP
18
–
Analog ground for PLL
AGNDX
22
–
Analog ground for oscillator
D–
2
I/O
USB differential input/output minus(1)
D+
1
I/O
USB differential input/output plus(1)
DGND
26
–
Digital ground
DGNDU
4
–
Digital ground for USB transceiver
HID0
5
I
HID key state input (mute), active-high(2)
HID1
6
I
HID key state input (volume up), active-high(2)
HID2
7
I
HID key state input (volume down), active-high(2)
SEL0
8
I
Must be set to high(3)
SEL1
9
I
Connected to the USB port of VBUS
(3)
SSPND
28
O
Suspend flag, active-low (Low: suspend, High: operational)
TEST0
24
I
Test pin, must be connected to GND
TEST1
25
O
Test pin, must be left open
VBUS
3
–
Must be connected to VDD
VCCC
10
–
Analog power supply for codec(4)
VCCP1
17
–
Analog power supply for PLL(4)
VCCP2
19
–
Analog power supply for PLL(4)
VCCX
23
–
Analog power supply for oscillator(4)
VCOM
14
–
Common for ADC/DAC (VCCC/2)
(4)
VDD
27
–
Digital power supply(4)
VINL
12
I
ADC analog input for L-channel
VINR
13
I
ADC analog input for R-channel
VOUTL
16
O
DAC analog output for L-channel
VOUTR
15
O
DAC analog output for R-channel
XTI
21
I
Crystal oscillator input(5)
XTO
20
O
Crystal oscillator output
(1)
LV-TTL level
(2)
3.3-V CMOS-level input with internal pulldown. This pin informs the PC of serviceable control signals such as mute, volume up, or
volume down, which have no direct connection with the internal DAC or ADC. See the Interface #3 and End-Points sections.
(3)
TTL Schmitt trigger, 5-V tolerant
(4)
Connect a decoupling capacitor to GND.
(5)
3.3-V CMO- level input
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM2901 PCM2903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com