Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD79461 Datasheet(PDF) 10 Page - Analog Devices

Part # AD79461
Description  14-Bit, 500 kSPS PulSAR ADC in MSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD79461 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD79461 Datasheet HTML 6Page - Analog Devices AD79461 Datasheet HTML 7Page - Analog Devices AD79461 Datasheet HTML 8Page - Analog Devices AD79461 Datasheet HTML 9Page - Analog Devices AD79461 Datasheet HTML 10Page - Analog Devices AD79461 Datasheet HTML 11Page - Analog Devices AD79461 Datasheet HTML 12Page - Analog Devices AD79461 Datasheet HTML 13Page - Analog Devices AD79461 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7946
Rev. A | Page 10 of 24
0
250
500
750
1000
4.50
4.75
5.00
5.25
5.50
SUPPLY (V)
VDD
VIO
fS = 100kSPS
Figure 18. Operating Current vs. Supply
0
250
500
750
1000
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VDD+VIO
Figure 19. Power-Down Current vs. Temperature
0
250
500
750
1000
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VDD = 5V
VIO
fS = 100kSPS
Figure 20. Operating Current vs. Temperature
TEMPERATURE (°C)
3
2
1
0
–1
–2
–3
–55
–35
–15
5
25
45
65
85
105
125
OFFSET ERROR
GAIN ERROR
Figure 21. Offset and Gain Error vs. Temperature
SDO CAPACITIVE LOAD (pF)
120
0
2040
6080
100
25
20
15
10
5
0
VDD = 5V, 85°C
VDD = 5V, 25°C
Figure 22. tDSDO Delay vs. Capacitance Load and Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com