| Electronic Components Datasheet Search |
|
ADP5585ACBZ-01-R7 Datasheet(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5585ACBZ-01-R7 Datasheet(HTML) 26 Page - Analog Devices |
|
26 / 40 page ![]() ADP5585 Data Sheet Rev. C | Page 26 of 40 GPI_INT_LEVEL_B Register 0x1C Table 36. Register 0x1C, GPI_INT_LEVEL_B Bit Descriptions Bit(s) Bit Name Access Description 7 to 5 N/A Reserved. 4 GPI_11_INT_LEVEL Read/write 0 = GPI_11 interrupt is active low (GPI_11_INT sets whenever R10 is low). 1 = GPI_11 interrupt is active high (GPI_11_INT sets whenever R10 is high). 3 GPI_10_INT_LEVEL Read/write 0 = GPI_10 interrupt is active low (GPI_10_INT sets whenever R9 is low). 1 = GPI_10 interrupt is active high (GPI_10_INT sets whenever R9 is high). 2 GPI_9_INT_LEVEL Read/write 0 = GPI_9 interrupt is active low (GPI_9_INT sets whenever R8 is low). 1 = GPI_9 interrupt is active high (GPI_9_INT sets whenever R8 is high). 1 GPI_8_INT_LEVEL Read/write 0 = GPI_8 interrupt is active low (GPI_8_INT sets whenever R7 is low). 1 = GPI_8 interrupt is active high (GPI_8_INT sets whenever R7 is high). 0 GPI_7_INT_LEVEL Read/write 0 = GPI_7 interrupt is active low (GPI_7_INT sets whenever R6 is low). 1 = GPI_7 interrupt is active high (GPI_7_INT sets whenever R6 is high). GPI_EVENT_EN_A Register 0x1D Table 37. GPI_EVENT_EN_A Bit Descriptions Bit(s) Bit Name Access Description 7 to 6 N/A Reserved. 5 GPI_6_EVENT_EN Read/write (Reserved except for ADP5585AC_Z-01-R7 options) 0 = disable GPI events from GPI 6. 1 = allow GPI 6 activity to generate events on the FIFO1. 4 GPI_5_EVENT_EN Read/write 0 = disable GPI events from GPI 5. 1 = allow GPI 5 activity to generate events on the FIFO1. 3 GPI_4_EVENT_EN Read/write 0 = disable GPI events from GPI 4. 1 = allow GPI 4 activity to generate events on the FIFO1. 2 GPI_3_EVENT_EN Read/write 0 = disable GPI events from GPI 3. 1 = allow GPI 3 activity to generate events on the FIFO1. 1 GPI_2_EVENT_EN Read/write 0 = disable GPI events from GPI 2. 1 = allow GPI 2 activity to generate events on the FIFO1. 0 GPI_1_EVENT_EN Read/write 0 = disable GPI events from GPI 1. 1 = allow GPI 1 activity to generate events on the FIFO1. 1 GPIs in this mode are considered FIFO events and can be used for unlock purposes. GPI activity in this mode causes EVENT_INT interrupts. GPIs in this mode do not generate GPI_INT interrupts. GPI_EVENT_EN_B Register 0x1E Table 38. GPI_EVENT_EN_B Bit Descriptions Bit(s) Bit Name Access Description 7 to 5 N/A Reserved. 4 GPI_11_EVENT_EN Read/write 0 = disable GPI events from GPI 11. 1 = allow GPI 11 activity to generate events on the FIFO1. 3 GPI_10_EVENT_EN Read/write 0 = disable GPI events from GPI 10. 1 = allow GPI 10 activity to generate events on the FIFO1. 2 GPI_9_EVENT_EN Read/write 0 = disable GPI events from GPI 9. 1 = allow GPI 9 activity to generate events on the FIFO1. 1 GPI_8_EVENT_EN Read/write 0 = disable GPI events from GPI 8. 1 = allow GPI 8activity to generate events on the FIFO1. 0 GPI_7_EVENT_EN Read/write 0 = disable GPI events from GPI 7. 1 = allow GPI 7 activity to generate events on the FIFO1. 1 GPIs in this mode are considered FIFO events and can be used for unlock purposes. GPI activity in this mode cause EVENT_INT interrupts. GPIs in this mode do not generate GPI_INT interrupts. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |