Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFD12N06RLESM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # RFD12N06RLESM
Description  17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFD12N06RLESM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  RFD12N06RLESM Datasheet HTML 1Page - Fairchild Semiconductor RFD12N06RLESM Datasheet HTML 2Page - Fairchild Semiconductor RFD12N06RLESM Datasheet HTML 3Page - Fairchild Semiconductor RFD12N06RLESM Datasheet HTML 4Page - Fairchild Semiconductor RFD12N06RLESM Datasheet HTML 5Page - Fairchild Semiconductor RFD12N06RLESM Datasheet HTML 6Page - Fairchild Semiconductor RFD12N06RLESM Datasheet HTML 7Page - Fairchild Semiconductor RFD12N06RLESM Datasheet HTML 8Page - Fairchild Semiconductor RFD12N06RLESM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RFD12N06RLE, RFD12N06RLESM, RFP12N06RLE
©2002 Fairchild Semiconductor Corporation
RFD12N06RLE, RFD12N06RLESM, RFP12N06RLE Rev. B
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
100
µs
1
10
100
110
0.1
100
10ms
1ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED TC = 25
oC
SINGLE PULSE
10
60
0.01
0.1
1
10
100
1
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
5
10
15
20
1.0
3.0
4.0
5.0
0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
2.0
5
10
15
20
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3V
VGS = 4V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0123
4
0
VGS = 3.5V
TC = 25
oC
VGS = 5V
VGS = 10V
50
60
80
24
6
8
10
40
ID = 7A
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
ID = 17A
ID = 12A
70
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
200
0.5
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 18A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
RFD12N06RLE, RFD12N06RLESM, RFP12N06RLE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com