| Electronic Components Datasheet Search |
|
ADP7105ARDZ-5.0-R7 Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP7105ARDZ-5.0-R7 Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 28 page ![]() Data Sheet ADP7105 Rev. 0 | Page 17 of 28 THEORY OF OPERATION The ADP7105 is a low quiescent current, LDO linear regulator that operates from 3.3 V to 20 V and provides up to 500 mA of output current. The ADP7105 draws a low 900 µA of quiescent current (typical) at full load, making it ideal for battery-operated portable equipment. Typical shutdown current consumption is 40 μA at room temperature. Optimized for use with small 1 µF ceramic capacitors, the ADP7105 provides excellent transient performance. Figure 60. Fixed Output Voltage Internal Block Diagram Figure 61. Adjustable Output Voltage Internal Block Diagram Internally, the ADP7105 consists of a reference, an error amplifier, a feedback voltage divider, and a PMOS pass transistor. Output current is delivered via the PMOS pass device, which is controlled by the error amplifier. The error amplifier compares the reference voltage with the feedback voltage from the output and amplifies the difference. If the feedback voltage is lower than the reference voltage, the gate of the PMOS device is pulled lower, allowing more current to pass and increasing the output voltage. If the feedback voltage is higher than the reference voltage, the gate of the PMOS device is pulled higher, allowing less current to pass and decreasing the output voltage. The ADP7105 is available in three fixed output voltage options, 1.8 V, 3.3 V, and 5 V, and in an adjustable version with an output voltage that can be set from 1.22 V to 19 V by an external voltage divider. The output voltage can be set according to the following equation: VOUT = 1.22 V(1 + R1/R2) Figure 62. Typical Adjustable Output Voltage Application Schematic Ensure that the value of R2 is less than 200 kΩ to minimize errors in the output voltage caused by the ADJ input current. For example, when R1 and R2 each equal 200 kΩ, the output voltage is 2.46 V. The output voltage error introduced by the ADJ input current is 2 mV or 0.08%, assuming a typical ADJ input current of 10 nA at 25°C. The ADP7105 uses the EN/UVLO pin to enable and disable the VOUT pin under normal operating conditions. When EN/UVLO is high, VOUT turns on; when EN/UVLO is low, VOUT turns off. For automatic startup, EN/UVLO can be tied to VIN. The ADP7105 incorporates reverse current protection circuitry that prevents current flow backwards through the pass element when the output voltage is greater than the input voltage. A comparator senses the difference between the input and output voltages. When the difference between the input voltage and output voltage exceeds 55 mV, the body of the PFET is switched to VOUT and turned off or opened. In other words, the gate is connected to VOUT. SHUTDOWN VIN GND EN/ UVLO VOUT R1 R2 1.22V REFERENCE VREG PGOOD PG SENSE SS SHORT-CIRCUIT, THERMAL PROTECT 9.8µA SHUTDOWN VIN GND EN/ UVLO VOUT R2 1.22V REFERENCE VREG PGOOD PG ADJ SHORT-CIRCUIT, THERMAL PROTECT 9.8µA SS VOUT = 5V VIN = 8V PG VOUT VIN PG GND ADJ EN/ UVLO RPG 100kΩ R4 100k Ω R3 100k Ω COUT 1µF CIN 1µF ON OFF R2 13kΩ + + R1 40.2kΩ SS CSS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |