Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMB110F Datasheet(PDF) 1 Page - Formosa MS

Part # KMB110F
Description  Surface Mount Schottky Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

KMB110F Datasheet(HTML) 1 Page - Formosa MS

  KMB110F Datasheet HTML 1Page - Formosa MS KMB110F Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbols
Unit
最大峰值反向电压
Maximum repetitive peak reverse voltage
VRRM
20
40
60
80
100
V
最大反向有效值电压
Maximum RMS voltage
VRMS
14
28
42
56
70
V
最大直流阻断电压
Maximum DC blocking voltage
VDC
20
40
60
80
100
V
最大正向平均整流电流
Maximum average forward rectified current
IF(AV)
1.0
A
正向峰值浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
IFSM
30
A
典型热阻
Typical thermal resistance
RθJA
75
℃/W
工作结温和存储温度
Operating junction and storage temperature range
TJ, TSTG
-50---+150
℃
Symbols
KMB12F
Unit
最大正向电压
IF = 1.0A
Maximum forward voltage
VF
0.50
0.70
0.85
V
最大反向漏电流
TA= 25℃
Maximum reverse current
TA= 100℃
IR
0.5
20
mA
典型结电容 VR = 4.0V, f = 1MHz
Type junction capacitance
CJ
15
pF
Surface Mount Schottky Bridge Rectifier
Reverse Voltage 20 to 100 V
Forward Current 1.0 A
Features
·大电流承受能力。High Current Capability
·正向压降低。Low Forward Voltage Drop
·高温焊接保证 High temperature soldering guaranteed:
260℃ /10 秒 seconds at terminals
Mechanical Data
·封装: 塑料封装 Case: Molded plastic body
·端子: 焊料被镀 Terminals: Solder plated
·极性: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置: 任意 Mounting Position: Any
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
KMB12F thru KMB110F
Formosa MS
KMB14F
KMB16F
KMB18F
KMB110F
KMB12F
KMB14F
KMB16F
KMB18F
KMB110F
7
0.
1 5
Dimensions in millimeters(1mm =0.0394")
7.0 MAX.
0.2
4.7 0.2
0.6 0.1
1.5 0.2
+
.
0.2
0.2
0.65 0.15
2.5
4.7 0.2
0.2
0.2
+
~
_
~
0.25 0.1
MBF
+
+
+
+
+
+
+
+
Page 1
Document ID
Issued Date
Revised Date
Revision
Page.
DS-241103
2008/02/10
2010/03/10
C
2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
深圳FMS
Kinter
131
6803
0058


Similar Part No. - KMB110F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
KMB110F PACELEADER-KMB110F Datasheet
267Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
KMB110F PFS-KMB110F Datasheet
374Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Guangdong Juxing Electr...
KMB110F JUXING-KMB110F Datasheet
1Mb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Microdiode Semiconducto...
KMB110F CHENDA-KMB110F Datasheet
510Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
SUNMATE electronic Co.,...
KMB110F SUNMATE-KMB110F Datasheet
256Kb / 2P
SCHOTTKY SURFACE MOUNT FLAT BRIDGE RECTIFIER
More results

Similar Description - KMB110F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
KMB22FGW JUXING-KMB22FGW Datasheet
916Kb / 2P
schottky Surface Mount Flat Bridge Rectifier
logo
List of Unclassifed Man...
MBF2 ETC2-MBF2 Datasheet
526Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Diotech Company.
MB12S DIOTECH-MB12S Datasheet
762Kb / 2P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
MB22S DIOTECH-MB22S Datasheet
877Kb / 2P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
KMB22F CHENDA-KMB22F Datasheet
522Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Nanjing International G...
MB22S DGNJDZ-MB22S Datasheet
594Kb / 2P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
KMB22F DGNJDZ-KMB22F Datasheet
88Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Bourns Electronic Solut...
CD-HD0X BOURNS-CD-HD0X Datasheet
267Kb / 4P
Surface Mount Schottky Bridge Rectifier Diode
logo
Microdiode Semiconducto...
KMB14F CHENDA-KMB14F_V01 Datasheet
512Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
MB14S CHENDA-MB14S_V01 Datasheet
523Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com