Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD813 Datasheet(PDF) 17 Page - Analog Devices

Part # AD813
Description  Single Supply, Low Power Triple Video Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD813 Datasheet HTML 11Page - Analog Devices AD813 Datasheet HTML 12Page - Analog Devices AD813 Datasheet HTML 13Page - Analog Devices AD813 Datasheet HTML 14Page - Analog Devices AD813 Datasheet HTML 15Page - Analog Devices AD813 Datasheet HTML 16Page - Analog Devices AD813 Datasheet HTML 17Page - Analog Devices AD813 Datasheet HTML 18Page - Analog Devices AD813 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
AD813
REV. B
–17–
Disable Mode Operation
Pulling the voltage on any one of the Disable pins about 2.5 V
down from the positive supply will put the corresponding ampli-
fier into a disabled, powered down, state. In this condition, the
amplifier’s quiescent supply current drops to about 0.5 mA, its
output becomes a high impedance, and there is a high level of
isolation from input to output. In the case of the gain of two
line driver for example, the impedance at the output node will
be about the same as for a 1.4 k
Ω resistor (the feedback plus
gain resistors) in parallel with a 12.5 pF capacitor and the input
to output isolation will be about 65 dB at 1 MHz.
Leaving the Disable pin disconnected (floating) will leave the
corresponding amplifier operational, in the enabled state. The
input impedance of the disable pins is about 35 k
Ω in parallel
with a few pF. When grounded, about 50
µA flows out of a
disable pin on
±5 V supplies.
Input voltages greater than about 1.5 V peak-to-peak will defeat
the isolation. In addition, large signals (greater than 3 V peak-
to-peak) applied to the output node will cause the output im-
pedance to drop significantly.
When the Disable pins are driven by complementary output
CMOS logic (such as the 74HC04), the disable time is about
80 ns (until the output goes high impedance) and the enable
time is about 100 ns (to low impedance output) on
±15 V sup-
plies. When operated on
±15 V supplies, the disable pins
should be driven by open drain logic. In this case, pull-up resis-
tors from the disable pins to the plus supply will ensure mini-
mum switching time.
75
75
75
75
VOUT
75
CABLE
1
VIN1
84
+5V
464
590
7
4
5
6
SELECT1
2
VIN2
84
464
590
14
12
13
SELECT2
VIN3
84
3
464
590
8
10
9
SELECT3
11
–5V
Figure 55. A Fast Switching 3:1 Video Mux
(Supply Bypassing Not Shown)
Operation Using a Single Supply
The AD813 will operate with total supply voltages from 36 V
down to 2.4 V. With proper biasing (see Figure 52) it can
make an outstanding single supply video amplifier. Since the
input and output voltage ranges extend to within 1 V of the
supply rails, it will handle a 1.3 V peak-to-peak signal on a
single 3.3 V supply, or a 3 V peak-to-peak signal on a single
5 V supply. The small signal 0.1 dB bandwidths will exceed
10 MHz in either case, and the large signal bandwidths will
exceed 6 MHz.
The capacitively coupled cable driver in Figure 52 will achieve
outstanding differential gain and phase errors of 0.05% and 0.05
degrees respectively on a single 5 V supply. Resistor R2, in this
circuit, is selected to optimize the differential gain and phase by
biasing the amplifier in its most linear region.
75
AD813
4
11
VIN
R2
12.4k
VOUT
75
+5V
75
CABLE
C2
1 F
R1
9k
C1
2 F
C3
30 F
619
619
R3
1k
COUT
47 F
Figure 52. Biasing for Single Supply Operation
1
10
1000
100
FREQUENCY – MHz
–0.5
–3.0
0.5
0
–1.0
–1.5
–2.0
–2.5
0
–90
–180
–270
–3.5
GAIN
PHASE
VS = 5V
G = +2
RF = 619
RL = 150
Figure 53. Closed-Loop Gain and Phase vs. Frequency,
Circuit of Figure 52
10
100
0%
500mV
1V
500mV
50ns
90
VIN
VOUT
Figure 54. Pulse Response for the Circuit of Figure 52
with +VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com