Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RACD06 Datasheet(PDF) 1 Page - Recom International Power

Part # RACD06
Description  6W AC-DC Class II LED Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD06 Datasheet(HTML) 1 Page - Recom International Power

  RACD06 Datasheet HTML 1Page - Recom International Power RACD06 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-21
www.recom-international.com
REV: 1/2013
Please Read Application Notes
LIGHTLINE
AC/DC-Converter
with 3 year Warranty
RACD06
6 Watt
Single
Output
6W AC-DC Class II LED Power Supply
350mA to 700mA CC/CV Output
ENEC, UL, RCM and CB Certified
Universal Input Voltage Range
Fused Input, Protected Output
3kVAC Isolation
Low Cost
3 Year Warranty
Features
LED Driver
Selection Guide
Part
Nominal
Input Current
Output
Output
Max
Efficiency
Number
Input Voltage
at full load
Voltage Range
Current
#
typ.
(VAC)
(mA)
(VDC)
(mA)
LEDs
(%)
RACD06-350
universal
120
2.5-24
350
6 x 1W
79
RACD06-500
universal
120
2.5-14
500
12 x 0.5W
70
RACD06-700
universal
120
2.5-12
700
3 x 2W
72
Input Voltage Range
90-264VAC or 120-370VDC
Rated Power
6W nom. / 7.5W max.
Input Frequency Range
47-63 Hz
Power Factor
Full Load, 115VAC/230VAC
0.4
Output Voltage Range
350mA CC
2.5 - 22VDC
0-300mA CV
24V
500mA CC
2.5 - 12VDC
0-490mA CV
14V
700mA CC
2.5 - 8.4VDC
0-600mA CV
12V
Inrush Current (<2mS)
115VAC/230VAC
10A max.
Leakage Current
115VAC/240VAC - 60/50Hz
0.4mA typ.
Input Fuse (Built-in)
Standard
T2A
Input Current
Full Load, Nominal Vin
see table
Output Current Accuracy
(combined Tolerance, Load Regulation and Line Regulation)
±10%
Minimum Load
Open Circuit Protected
1 LED
Output Ripple
0.2Ap-p max.
Hold Up Time
18ms min.
Operating Frequency
132kHz max.
AC RMS Isolation Voltage (input to output)
3.75kV / 1 minute typ., 3kV / 1 minute min.
Temperature Coefficient
±0.02%/°C typ.
Overload Protection
120% typ.
Short Circuit Protection
Continuous Current Limit
Output Overvoltage Protection
350mA Version
24V Zener Diode Clamp
500mA Version
14V Zener Diode Clamp
700mA Version
12V Zener Diode Clamp
Overtemperature Protection
Shutdown, Automatic restart after cooling down
Operating Temperature Range
Ambient Temperature
-20°C to +65°C
(free air convection)
Case Temperature
80°C max.
continued on next page
Description
Specifications (typical at 25°C and after warm up time unless otherwise specified )
A compact universal input 6W constant current switching power module suitable for driving up to 12 high power LEDs.
The output (dual constant voltage / constant current mode) current limit is fixed at 350mA, 500mA or 700mA. At lower
output currents, the output is constant voltage.
UL-8750 Certified
EN 61347 Certified
ENEC Certified
E340696
RoHS
2011/65/EU
6/6


Similar Part No. - RACD06

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD06-350-LP RECOM-RACD06-350-LP Datasheet
463Kb / 4P
Terminal Block Input/Output with Cable Clamps
RACD06-500-LP RECOM-RACD06-500-LP Datasheet
463Kb / 4P
Terminal Block Input/Output with Cable Clamps
RACD06-700-LP RECOM-RACD06-700-LP Datasheet
463Kb / 4P
Terminal Block Input/Output with Cable Clamps
RACD06-LP RECOM-RACD06-LP Datasheet
463Kb / 4P
Terminal Block Input/Output with Cable Clamps
More results

Similar Description - RACD06

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LSP10A224001 LINKCOM-LSP10A224001 Datasheet
91Kb / 1P
AC TO DC LED POWER SUPPLY
LSP10A248001 LINKCOM-LSP10A248001 Datasheet
75Kb / 1P
AC TO DC LED POWER SUPPLY
logo
Recom International Pow...
RACD03 RECOM-RACD03 Datasheet
93Kb / 2P
3W Class II AC-DC LED Power Supply
RACD20 RECOM-RACD20_13 Datasheet
97Kb / 2P
20W Class II AC-DC LED Power Supply
RACD20-D RECOM-RACD20-D_13 Datasheet
87Kb / 2P
20W Class II AC-DC LED Power Supply
RACD25 RECOM-RACD25 Datasheet
68Kb / 2P
25W Class II AC-DC LED Power Supply
RACD30 RECOM-RACD30_13 Datasheet
96Kb / 2P
30W Class II AC-DC LED Power Supply
logo
List of Unclassifed Man...
LF2200 ETC1-LF2200 Datasheet
122Kb / 1P
AC to DC LED Power Supply
logo
Advantech Co., Ltd.
BB-SMI6-12-V-P230-C1 ADVANTECH-BB-SMI6-12-V-P230-C1 Datasheet
647Kb / 2P
AC-DC Power Supplies - 6W
BB-SMI6B-12-4-P5 ADVANTECH-BB-SMI6B-12-4-P5 Datasheet
586Kb / 2P
AC-DC Power Supply 6W, 12 V, 0.5 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com