| Electronic Components Datasheet Search |
|
24PCF Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
24PCF Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center |
|
2 / 3 page ![]() Pressure Sensors 24PC Series Gage and Differential/Unamplified-Noncompensated Honeywell Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada 11 Basic Sensors FEATURES Miniature package Variety of gage pressure port config- urations - easily and quickly modified for your special needs Operable after exposure to frozen conditions Ideal for wet/wet differential applications Choice of termination for gage sensors 2 mA constant current excitation signif- icantly reduces sensitivity shift over temperature* Can be used to measure vacuum or positive pressure 24PC SERIES PERFORMANCE CHARACTERISTICS at 10.0 ±0.01 VDC Excitation, 25°C Min. Typ. Max. Units Excitation --- 10 12 VDC Null Offset −30 0 +30 mV Null Shift, 25° to 0°, 25° to 50°C --- ±2.0 --- mV Linearity, P2 > P1, BFSL --- ±0.25 ±1.0 %Span Span Shift, 25° to 0°, 25° to 50°C --- ±5.0* --- %Span Repeatability & Hysteresis --- ±0.15 --- %Span Response Time --- --- 1.0 msec Input Resistance 4.0 K 5.0 K 6.0 K ohms Output Resistance 4.0 K 5.0 K 6.0 K ohms Stability over One Year --- ±0.5 --- %Span Weight --- 2 --- grams ENVIRONMENTAL SPECIFICATIONS Operating Temperature −40° to +85°C (−40° to +185°F) Storage Temperature −55° to +100°C (−67° to +212°F) Shock Qualification tested to 150 g Vibration Qualification tested to 0 to 2 kHz, 20 g sine Media (P1 & P2) Limited only to those media which will not attack polyetherimide, silicon, fluorosilicone, silicone, EPDM and neoprene seals. 24PC SERIES ORDER GUIDE Span, mV Catalog Listing Pressure Range psi Min. Typ. Max. Sensitivity mV/psi Typ. Overpressure psi Max. 24PCE Type 0.5 24 35 46 70 20 24PCA Type 1.0 30 45 60 45 20 24PCB Type 5.0 85 115 145 23 20 24PCC Type 15 165 225 285 15 45 24PCD Type 30 240 330 420 11 60 24PCF Type 100 156 225 294 2.25 200 24PCG Type 250 145 212 280 0.85 500 *Non-compensated pressure sensors, excited by constant current instead of voltage, exhibit temperature compensation of Span. Application Note #1 briefly discusses current excitation. Constant current excitation has an additional benefit of temperature mea- surement. When driven by a constant current source, a silicon pressure sensor’s terminal voltage will rise with increased temperature. The rise in voltage not only compensates the Span, but is also an indication of die temperature. Constant Current Excitation Schematic |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |