Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CBC910-WAF Datasheet(PDF) 1 Page - Cymbet Corporation

Part # CBC910-WAF
Description  Charge Pump and Battery Management ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC910-WAF Datasheet(HTML) 1 Page - Cymbet Corporation

  CBC910-WAF Datasheet HTML 1Page - Cymbet Corporation CBC910-WAF Datasheet HTML 2Page - Cymbet Corporation CBC910-WAF Datasheet HTML 3Page - Cymbet Corporation CBC910-WAF Datasheet HTML 4Page - Cymbet Corporation CBC910-WAF Datasheet HTML 5Page - Cymbet Corporation CBC910-WAF Datasheet HTML 6Page - Cymbet Corporation CBC910-WAF Datasheet HTML 7Page - Cymbet Corporation CBC910-WAF Datasheet HTML 8Page - Cymbet Corporation CBC910-WAF Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-11 Rev 5
Page 1 of 14
Charge Pump and Battery Management ASIC
CBC910
Power Manager ASIC
Features
• Power Manager with Charge Control
• Built-in Battery Protection
• Temperature Compensated Charge Control
• Adjustable Switchover Voltage
• Charges Battery Over a Wide Supply Range
• Low Standby Power
• CBC-910-BUC solder bumped version available
• Eco-Friendly, RoHS Compliant
The CBC910 is a power management solution
that provides battery backup control and power
management for systems requiring power bridging
and/or secondary power.
During normal operation, the CBC910 delivers a
controlled voltage using an internal charge pump that
operates from 1.5 V to 5.5 V. An ENABLE pin allows
for activation and deactivation of the charge pump
using an external control line in order to minimize
current consumption when battery charge current is
not needed.
When the primary power supply dips below a user-
defined threshold voltage, the CBC910 will signal
this event and route the battery voltage to VOUT.
The CBC910 also has battery protection circuitry to
protect an attached battery from being discharged
too deeply.
The CBC910 is available in an 8-pin VDFN package
and as a bare die having 9 bond pads.
Preliminary
Applications
• Standby supply
for non-volatile SRAM, Real-time
clocks, controllers, supply supervisors, and other
system-critical components.
• Wireless sensors and RFID tags
and other
powered, low duty cycle applications.
• Localized power source
to keep microcontrollers
and other devices alert in standby mode.
• Power bridging
to provide back-up power to
system during exchange of main batteries.
• Consumer appliances
that have real-time
clocks; provides switchover power from main
supply to backup battery.
• Business and industrial systems
such as:
network routers, point-of-sale terminals, single-
board computers, test equipment, multi-function
printers, industrial controllers, and utility meters.
• Energy Harvesting
by coupling the energy
storage device with energy transducers such as
solar panels.
Figure 1 - Typical CBC910 Applica-
tion Circuit Using External EnerChip
Rechargeable Battery as a Backup
Power Source for a Real-Time Clock


Similar Part No. - CBC910-WAF

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC910-WAF CYMBET-CBC910-WAF Datasheet
608Kb / 14P
Charge Pump and Battery Management ASIC Bare Die
More results

Similar Description - CBC910-WAF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
Battery Charge Management System
LP3918 NSC-LP3918 Datasheet
1Mb / 30P
Battery Charge Management and Regulator Unit
logo
Cymbet Corporation
DS-72-11 CYMBET-DS-72-11 Datasheet
608Kb / 14P
Charge Pump and Battery Management ASIC Bare Die
logo
Texas Instruments
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
Highly Integrated Battery Charge Management Solution
LP3918 TI1-LP3918 Datasheet
909Kb / 39P
Battery Charge Management and Regulator Unit
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
Charge and Charge Management IC
LTH7S FUMAN-LTH7S Datasheet
333Kb / 5P
Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
Charge and Charge Management IC
logo
Shenzhen Huazhimei Semi...
HM4205 HMSEMI-HM4205 Datasheet
637Kb / 9P
Solar lithium battery charge and discharge management chip
HM5065 HMSEMI-HM5065 Datasheet
1Mb / 13P
battery charge management chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com