Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CBC3105-R4C-WP Datasheet(PDF) 5 Page - Cymbet Corporation

Part # CBC3105-R4C-WP
Description  EnerChip CC with Integrated Power Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3105-R4C-WP Datasheet(HTML) 5 Page - Cymbet Corporation

  CBC3105-R4C-WP Datasheet HTML 1Page - Cymbet Corporation CBC3105-R4C-WP Datasheet HTML 2Page - Cymbet Corporation CBC3105-R4C-WP Datasheet HTML 3Page - Cymbet Corporation CBC3105-R4C-WP Datasheet HTML 4Page - Cymbet Corporation CBC3105-R4C-WP Datasheet HTML 5Page - Cymbet Corporation CBC3105-R4C-WP Datasheet HTML 6Page - Cymbet Corporation CBC3105-R4C-WP Datasheet HTML 7Page - Cymbet Corporation CBC3105-R4C-WP Datasheet HTML 8Page - Cymbet Corporation CBC3105-R4C-WP Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EnerChip CC CBC3105
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-21 Rev E
Page 5 of 12
Preliminary
POWER SUPPLY CURRENT CHARACTERISTICS
Ta = -20ºC to +70ºC
CHARACTERISTIC
SYMBOL
CONDITION
MIN
MAX
UNITS
Quiescent Current
IQ
ENABLE=GND
VDD=3.3V
-
3.5
µA
VDD=5.5V
-
6.0
µA
ENABLE=VDD
VDD=3.3V
-
35
µA
VDD=5.5V
-
38
µA
EnerChip Cutoff Current
IQBATOFF
VBAT < VBATCO,
VOUT=0
-
0.5
nA
IQBATON
VBAT > VBATCO,
ENABLE=VDD, IOUT=0
-
42
nA
INTERFACE LOGIC SIGNAL CHARACTERISTICS
VDD=2.5Vto5.5V,Ta = -20ºC to +70ºC
CHARACTERISTIC
SYMBOL
CONDITION
MIN
MAX
UNITS
High Level Input Voltage
VIH
-
VDD - 0.5
-
Volts
Low Level Input Voltage
VIL
-
-
0.5
Volts
High Level Output Voltage
VOH
VDD>VTH (see Figures 4
and 5) IL=10µA
VDD -
0.04V (1)
-
Volts
Low Level Output Voltage
VOL
IL = -100µA
-
0.3
Volts
Logic Input Leakage Current
IIN
0<VIN<VDD
-1.0
+1.0
nA
RESET SIGNAL AC/DC CHARACTERISTICS
VDD=2.5Vto5.5V,Ta = -20ºC to +70ºC
CHARACTERISTIC
SYMBOL
CONDITION
MIN
MAX
UNITS
VDD Rising to RESET
Rising
tRESETH
VDD rising from 2.8V TO 3.1V
in <10µs
60
200
ms
VDD Falling to RESET
Falling
tRESETL
VDD falling from 3.1V to 2.8V
in <100ns
0.5
2
µs
Mode 1 TRIP V
VDD Rising
VRESET
VMODE=GND
2.85
3.15
V
Mode 2 TRIP V (2)
VDD Rising
VRESET
VMODE = VDD/2
2.40
2.60
V
RESET Hysteresis
Voltage (3)
(VDD to RESET)
VHYST
VMODE=VDD
60
100
mV
VMODE=GND
45
75
VMODE = VDD/2
30
50
(2) User-selectable trip voltage can be set by placing a resistor divider from the VMODE pin to GND. Refer to Figure 8.
(3) The hysteresis is a function of trip level in Mode 2. Refer to Figure 9.
(1) RESET tracks VDD; RESET = VDD - (IOUT x ROUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com