Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IX9908N Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX9908N
Description  High Voltage, Dimmable LED Driver with PFC Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9908N Datasheet(HTML) 1 Page - IXYS Corporation

  IX9908N Datasheet HTML 1Page - IXYS Corporation IX9908N Datasheet HTML 2Page - IXYS Corporation IX9908N Datasheet HTML 3Page - IXYS Corporation IX9908N Datasheet HTML 4Page - IXYS Corporation IX9908N Datasheet HTML 5Page - IXYS Corporation IX9908N Datasheet HTML 6Page - IXYS Corporation IX9908N Datasheet HTML 7Page - IXYS Corporation IX9908N Datasheet HTML 8Page - IXYS Corporation IX9908N Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IX9908-R01
www.ixysic.com
1
IX9908
High Voltage, Dimmable
LED Driver with PFC Control
e3
Pb
Features
• Single Stage, Primary Control with PFC and
Dimming Features
• >90% Efficiency
• Power Factor >98%
• Wide Operating Voltage Range: Up to 600V
• Digital Soft-Start
• Cycle-by-Cycle Peak Current Control
Applications
• Incandescent Bulb Replacement
• Solid State Lighting
• Industrial and Commercial Lighting
Description
The IX9908 is a quasi-resonant controller optimized
for phase-cut dimmable, off-line LED applications.
Precise PWM generation supports phase-cut dimming
and power factor correction.
The product features a wide operating range, up to
600V, and low power consumption. Multiple safety
features ensure full system protection in failure
situations. The IX9908, with its strong feature set and
low cost, is an excellent choice for quasi-resonant
flyback LED bulb designs.
Ordering Information
IX9908 Example Application
Part
Description
IX9908N
8-Pin SOIC (100/Tube)
IX9908NTR
8-Pin SOIC (2000/Reel)
SNUBBER
AC
C
IN
R
IN1
R
IN2
D
VR
C
VR
R
CS
Q1
C
C
D
OUT
C
OUT
T1
Aux
LEDs
D
VCC
C
VCC
R
ZCV1
C
ZCV
R
ZCV2
V
CC
ZCV HV
GD
CS
GND
VR
IX9908
+
-


Similar Part No. - IX9908N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
Single stage, primary control with PFC and dimming
IX9907NTR IXYS-IX9907NTR Datasheet
225Kb / 10P
Single stage, primary control with PFC and dimming
More results

Similar Description - IX9908N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92075 TI-TPS92075 Datasheet
1Mb / 27P
Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Monolithic Power System...
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
logo
Texas Instruments
TPS92075 TI1-TPS92075_14 Datasheet
1Mb / 29P
Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
logo
Taiwan Semiconductor Co...
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
Single-Stage PFC TRIAC Dimmable LED Driver
logo
List of Unclassifed Man...
FT825 ETC2-FT825 Datasheet
393Kb / 12P
Primary-Side Control LED Driver with High PFC
logo
Monolithic Power System...
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4033 MPS-MP4033 Datasheet
1Mb / 25P
TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Diodes Incorporated
AL1771 DIODES-AL1771 Datasheet
622Kb / 24P
PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com