Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1001 Datasheet(PDF) 43 Page - Microchip Technology

Part # EMC1001
Description  Analog and Interface Product Selector Guide
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1001 Datasheet(HTML) 43 Page - Microchip Technology

Back Button EMC1001 Datasheet HTML 36Page - Microchip Technology EMC1001 Datasheet HTML 37Page - Microchip Technology EMC1001 Datasheet HTML 38Page - Microchip Technology EMC1001 Datasheet HTML 39Page - Microchip Technology EMC1001 Datasheet HTML 40Page - Microchip Technology EMC1001 Datasheet HTML 41Page - Microchip Technology EMC1001 Datasheet HTML 42Page - Microchip Technology EMC1001 Datasheet HTML 43Page - Microchip Technology EMC1001 Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
43
Analog & Interface Product Selector Guide
LIN Serial Analyzer (APGDT001)
The LIN Serial Analyzer development
system enables a Personal Computer
(PC) to communicate with a LIN (Local
Interface Network) bus . The PC program
uses a graphical user interface to enter
and display message frames occurring on the target bus .
USB to UART Converter Evaluation Board
(MCP2200EV-VCP)
The MCP2200EV-VCP is a USB-to-RS232
development and evaluation board for
the MCP2200 USB-to-UART device . The
board allows for easy demonstration and
evaluation of the MCP2200 . The accompanying software
allows the special device features to be configured and
controlled . The board is powered from USB and has a test
point associated with each GPIO pin . In addition, two of
these pins are connected to LEDs which can be used to
indicate USB-to-UART traffic when the associated pins are
configured as TxLED and RxLED pins respectively.
Linear Products
MCP6V01 Thermocouple Auto-Zeroed
Ref Design Board (MCP6V01RD-TCPL)
The MCP6V01 design board
demonstrates how to use a difference
amplifier system to measure
Electromotive Force (EMF) voltage at
the cold junction of thermocouple in order to accurately
measure temperature of the thermocouple bead . This
can be done by using the MCP6V01 auto-zeroed op amp
because of its ultra low offset Voltage (VOS) and high
Common Mode Rejection Ratio (CMRR) .
MCP6N11 and MCP6V2X Wheatstone Bridge
Reference Design (ARD00354)
This board demonstrates the performance
of Microchip’s MCP6N11 instrumentation
amplifier (INA) and a traditional three op
amp INA using Microchip’s MCP6V26
and MCP6V27 auto-zeroed op amps . The
input signal comes from an RTD temperature sensor in
a Wheatstone bridge . Real world interference is added
to the bridge’s output, to provide realistic performance
comparisons . Data is gathered and displayed on a PC, for
ease of use .
MCP6H04 Evaluation Board (ADM00375)
The MCP6H04 Evaluation Board is intended
to support an instrumentation amplifier
and show the capability of the MCP6H04
operational amplifier. It uses a quad op amp
in a difference amplifier configuration with
input buffers and voltage reference . The test points for the
power supply, ground, input signals, output signals, and
voltage reference allow lab equipment to be connected to
the board .
MCP73X23 OVP Lithium Iron Phosphate Battery
Charger Evaluation Board (MCP73X23EV-LFP)
The MCP73X23 Lithium Iron
Phosphate Battery Charger Evaluation
board demonstrates the features of
Microchip’s MCP73123 and MCP73223
Lithium Iron Phosphate (LiFePO4) Battery Charge
Management Controller with Input Overvoltage Protection .
MCP7383X Li-Ion System Power Path Management
Reference Design (MCP7383XRD-PPM)
This reference design is developed to
assist product designers in reducing
product design cycle and time by
utilizing Microchip’s stand-alone Li-Ion
battery charge management controllers
with system power path management . Due to the natural
characteristics of Li-Ion/Li-Polymer batteries, they are the
most popular power sources for mobile devices, however,
extra care in design is always important . System Power
Path Management allows end-users to charge their
batteries without interruption .
MCP1640 Sync Boost Converter Evaluation Board
(MCP1640EV-SBC)
The MCP1640 Synchronous Boost
Converter Evaluation board demonstrates
the MCP1640 in two boost-converter
applications with multiple output voltages .
It can be used to evaluate both package
options (SOT-23-6 and 2 × 3-8 DFN) . This
board was developed to help engineers
reduce the product design cycle time .
MCP1252 Charge Pump Backlight Demo Board
(MCP1252DM-BKLT)
The MCP1252 board demonstrates
the use of a charge pump device in
an LED application and acts as a
platform to evaluate the MCP1252
device in general . Light intensity is
controlled uniformly through the use of ballast resistors .
A PIC10F206 MCU provides an enable signal to the
MCP1252 and accepts a push-button input that allows the
white LEDs to be adjusted to five different light intensities .
Interface Products
MCP2515 CAN Bus Monitor Demo Board
(MCP2515DM-BM)
The MCP2515 CAN Bus Monitor Demo
board kit contains two identical boards
which can be connected together to
create a simple two node Controller
Area Network (CAN) bus, which can be
controlled and/or monitored via the included PC interface .
The board(s) can also be connected to an existing CAN bus .
Featured Analog Development Tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com