Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12GP201TE/P Datasheet(PDF) 237 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/P Datasheet(HTML) 237 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/P Datasheet HTML 233Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 234Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 235Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 236Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 237Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 238Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 239Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 240Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 241Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 242 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70264B-page 235
dsPIC33FJ12GP201/202
R
Reader Response ............................................................. 238
Registers
AD1CHS0 (ADC1 Input Channel 0 Select ................ 170
AD1CHS123 (ADC1 Input Channel 1, 2, 3 Select) ... 168
AD1CON1 (ADC1 Control 1) .................................... 164
AD1CON2 (ADC1 Control 2) .................................... 166
AD1CON3 (ADC1 Control 3) .................................... 167
AD1CSSL (ADC1 Input Scan Select Low)................ 171
AD1PCFGL (ADC1 Port Configuration Low) ............ 171
CLKDIV (Clock Divisor)............................................... 92
CORCON (Core Control) ...................................... 16, 64
I2CxCON (I2Cx Control) ........................................... 147
I2CxMSK (I2Cx Slave Mode Address Mask) ............ 151
I2CxSTAT (I2Cx Status) ........................................... 149
ICxCON (Input Capture x Control) ............................ 128
IEC0 (Interrupt Enable Control 0) ............................... 72
IEC1 (Interrupt Enable Control 0) ............................... 74
IEC4 (Interrupt Enable Control 0) ............................... 75
IFS0 (Interrupt Flag Status 0) ..................................... 68
IFS1 (Interrupt Flag Status 1) ..................................... 70
IFS4 (Interrupt Flag Status 4) ..................................... 71
INTCON1 (Interrupt Control 1).................................... 65
INTCON2 (Interrupt Control 2).................................... 67
INTTREG Interrupt Control and Status Register......... 84
IPC0 (Interrupt Priority Control 0) ............................... 76
IPC1 (Interrupt Priority Control 1) ............................... 77
IPC16 (Interrupt Priority Control 16) ........................... 83
IPC2 (Interrupt Priority Control 2) ............................... 78
IPC3 (Interrupt Priority Control 3) ............................... 79
IPC4 (Interrupt Priority Control 4) ............................... 80
IPC5 (Interrupt Priority Control 5) ............................... 81
IPC7 (Interrupt Priority Control 7) ............................... 82
NVMCON (Flash Memory Control) ............................. 49
NVMCON (Nonvolatile Memory Key).......................... 50
OCxCON (Output Compare x Control) ..................... 133
OSCCON (Oscillator Control) ..................................... 90
OSCTUN (FRC Oscillator Tuning) .............................. 94
PLLFBD (PLL Feedback Divisor)................................ 93
RCON (Reset Control) ................................................ 54
SPIxCON1 (SPIx Control 1)...................................... 140
SPIxCON2 (SPIx Control 2)...................................... 142
SPIxSTAT (SPIx Status and Control) ....................... 139
SR (CPU Status)................................................... 14, 64
T1CON (Timer1 Control)........................................... 120
T2CON Control ......................................................... 124
T3CON Control ......................................................... 125
UxMODE (UARTx Mode).......................................... 156
UxSTA (UARTx Status and Control)......................... 158
Reset
Clock Source Selection............................................... 56
Special Function Register Reset States ..................... 57
Times .......................................................................... 56
Reset Sequence ................................................................. 59
Resets................................................................................. 53
S
Serial Peripheral Interface (SPI) ....................................... 135
Setup for Continuous Output Pulse Generation ............... 129
Setup for Single Output Pulse Generation........................ 129
Software Simulator (MPLAB SIM) .................................... 188
Software Stack Pointer, Frame Pointer
CALL Stack Frame ..................................................... 38
Special Features of the CPU ............................................ 173
SPI
Master, Frame Master Connection ........................... 137
Master/Slave Connection ......................................... 137
Slave, Frame Master Connection ............................. 138
Slave, Frame Slave Connection ............................... 138
SPI Module
SPI1 Register Map ..................................................... 32
Symbols Used in Opcode Descriptions ............................ 180
System Control
Register Map .............................................................. 36
T
Temperature and Voltage Specifications
AC............................................................................. 200
Timer1 .............................................................................. 119
Timer2/3 ........................................................................... 121
Timing Characteristics
CLKO and I/O ........................................................... 203
Timing Diagrams
10-bit A/D Conversion .............................................. 223
10-bit A/D Conversion (CHPS = 01, SIMSAM = 0,
ASAM = 0, SSRC = 000) .................................. 223
12-bit A/D Conversion (ASAM = 0, SSRC = 000)..... 222
External Clock .......................................................... 201
I2Cx Bus Data (Master Mode) .................................. 215
I2Cx Bus Data (Slave Mode) .................................... 217
I2Cx Bus Start/Stop Bits (Master Mode)................... 215
I2Cx Bus Start/Stop Bits (Slave Mode)..................... 217
Input Capture (CAPx) ............................................... 208
OC/PWM .................................................................. 209
Output Compare (OCx) ............................................ 208
Reset, Watchdog Timer, Oscillator Start-up
Timer and Power-up Timer............................... 204
SPIx Master Mode (CKE = 0) ................................... 210
SPIx Master Mode (CKE = 1) ................................... 211
SPIx Slave Mode (CKE = 0) ..................................... 212
SPIx Slave Mode (CKE = 1) ..................................... 213
Timer1, 2 and 3 External Clock ................................ 206
Timing Requirements
CLKO and I/O ........................................................... 203
DCI AC-Link Mode.................................................... 219
DCI Multi-Channel, I2S Modes ................................. 219
External Clock .......................................................... 201
Input Capture............................................................ 208
Timing Specifications
10-bit A/D Conversion Requirements ....................... 224
12-bit A/D Conversion Requirements ....................... 222
I2Cx Bus Data Requirements (Master Mode)........... 216
I2Cx Bus Data Requirements (Slave Mode)............. 218
Output Compare Requirements................................ 208
PLL Clock ................................................................. 202
Reset, Watchdog Timer, Oscillator Start-up Timer,
Power-up Timer and Brown-out Reset
Requirements ................................................... 205
Simple OC/PWM Mode Requirements ..................... 209
SPIx Master Mode (CKE = 0) Requirements............ 210
SPIx Master Mode (CKE = 1) Requirements............ 211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com