Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12GP201TE/P Datasheet(PDF) 57 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/P Datasheet(HTML) 57 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/P Datasheet HTML 53Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 54Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 55Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 56Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 57Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 58Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 59Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 60Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 242 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70264B-page 55
dsPIC33FJ12GP201/202
TABLE 5-1:
RESET FLAG BIT OPERATION(1)
bit 1
BOR: Brown-out Reset Flag bit
1 = A Brown-out Reset has occurred
0 = A Brown-out Reset has not occurred
bit 0
POR: Power-on Reset Flag bit
1 = A Power-up Reset has occurred
0 = A Power-up Reset has not occurred
Flag Bit
Setting Event
Clearing Event
TRAPR (RCON<15>)
Trap conflict event
POR, BOR
IOPUWR (RCON<14>)
Illegal opcode or uninitialized
W register access
POR, BOR
CM (RCON<9>)
Configuration mismatch
POR, BOR
EXTR (RCON<7>)
MCLR Reset
POR
SWR (RCON<6>)
RESET instruction
POR, BOR
WDTO (RCON<4>)
WDT time-out
PWRSAV instruction, POR, BOR,
CLRWDT instruction
SLEEP (RCON<3>)
PWRSAV #SLEEP instruction
POR, BOR
IDLE (RCON<2>)
PWRSAV #IDLE instruction
POR, BOR
BOR (RCON<1>)
BOR
—
POR (RCON<0>)
POR
—
Note 1:
All Reset flag bits may be set or cleared by the user software.
REGISTER 5-1:
RCON: RESET CONTROL REGISTER(1) (CONTINUED)
Note 1:
All of the Reset status bits can be set or cleared in software. Setting one of these bits in software does not
cause a device Reset.
2:
If the FWDTEN Configuration bit is ‘1’ (unprogrammed), the WDT is always enabled, regardless of the
SWDTEN bit setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com