Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12GP201TE/P Datasheet(PDF) 111 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/P Datasheet(HTML) 111 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/P Datasheet HTML 107Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 108Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 109Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 110Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 111Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 112Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 113Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 114Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 242 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70264B-page 109
dsPIC33FJ12GP201/202
REGISTER 9-4:
RPINR7: PERIPHERAL PIN SELECT INPUT REGISTER 7
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
—
IC2R<4:0>
bit 15
bit 8
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
—
IC1R<4:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented: Read as ‘0’
bit 12-8
IC2R<4:0>: Assign Input Capture 2 (IC2) to the corresponding RPn pin bits
11111 = Input tied to VSS
01111 = Input tied to RP15
•
•
•
00001 = Input tied to RP1
00000 = Input tied to RP0
bit 7-5
Unimplemented: Read as ‘0’
bit 4-0
IC1R<4:0>: Assign Input Capture 1 (IC1) to the corresponding RPn pin bits
11111 = Input tied to VSS
01111 = Input tied to RP15
•
•
•
00001 = Input tied to RP1
00000 = Input tied to RP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com