Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12GP201TE/P Datasheet(PDF) 132 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/P Datasheet(HTML) 132 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/P Datasheet HTML 128Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 129Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 130Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 131Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 132Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 133Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 134Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 135Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 242 page
background image
dsPIC33FJ12GP201/202
DS70264B-page 130
Preliminary
© 2007 Microchip Technology Inc.
8. As a result of the second compare match event,
the OCxIF interrupt flag bit is set.
When the compare time base and the value in its
respective Timer Period register match, the TMRy
register resets to 0x0000 and resumes counting.
9. Steps 8 through 11 are repeated and a continuous
stream of pulses is generated, indefinitely. The
OCxIF flag is set on each OCxRS-TMRy compare
match event.
13.3
Pulse-Width Modulation Mode
Use the following steps when configuring the output
compare module for PWM operation:
1.
Set the PWM period by writing to the selected
Timer Period register (PRy).
2.
Set the PWM duty cycle by writing to the OCxRS
register.
3.
Write the OxCR register with the initial duty cycle.
4.
Enable interrupts, if required, for the timer and
output compare modules. The output compare
interrupt is required for PWM Fault pin utilization.
5.
Configure the output compare module for one of
two PWM operation modes by writing to the Out-
put Compare Mode bits, OCM<2:0> and
(OCxCON<2:0>).
Set the TMRy prescale value and enable the time base
by setting TON = 1 (TxCON<15>)
13.3.1
PWM PERIOD
The PWM period is specified by writing to PRy, the
Timer Period register. The PWM period can be
calculated using Equation 13-1:
EQUATION 13-1:
CALCULATING THE PWM
PERIOD
13.3.2
PWM DUTY CYCLE
Specify the PWM duty cycle is specified by writing to the
OCxRS register. The OCxRS register can be written to at
any time, but the duty cycle value is not latched into OCxR
until a match between PRy and TMRy occurs (i.e., the
period is complete). This provides a double buffer for the
PWM duty cycle and is essential for glitchless PWM
operation. In the PWM mode, OCxR is a read-only
register.
Some important boundary parameters of the PWM duty
cycle include:
• If the Output Compare register, OCxR, is loaded
with 0000h, the OCx pin will remain low (0% duty
cycle).
• If OCxR is greater than PRy (Timer Period register),
the pin will remain high (100% duty cycle).
• If OCxR is equal to PRy, the OCx pin will be low
for one time base count value and high for all
other count values.
See Example 13-1 for PWM mode timing details.
Table 13-1 shows example PWM frequencies and
resolutions for a device operating at 10 MIPS.
EQUATION 13-2:
CALCULATION FOR MAXIMUM PWM RESOLUTION
Note:
The OCxR register should be initialized
before the output compare module is first
enabled. The OCxR register becomes a
read-only duty cycle register when the
module is operated in the PWM modes.
The value held in OCxR will become the
PWM duty cycle for the first PWM period.
The contents of the Output Compare
Secondary register, OCxRS, will not be
transferred into OCxR until a time base
period match occurs.
Note:
A PRy value of N will produce a PWM
period of N + 1 time base count cycles. For
example, a value of 7 written into the PRy
register will yield a period consisting of
eight time base cycles.
PWM Period = [(PRy) + 1] • TCY • (Timer Prescale Value)
PWM Frequency = 1/[PWM Period]
where:
(
)
Maximum PWM Resolution (bits) =
FCY
FPWM
log10
log10(2)
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com