Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12GP201TE/P Datasheet(PDF) 140 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/P Datasheet(HTML) 140 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/P Datasheet HTML 136Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 137Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 138Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 139Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 140Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 141Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 142Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 143Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 242 page
background image
dsPIC33FJ12GP201/202
DS70264B-page 138
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 14-5:
SPI SLAVE, FRAME MASTER CONNECTION DIAGRAM
FIGURE 14-6:
SPI SLAVE, FRAME SLAVE CONNECTION DIAGRAM
EQUATION 14-1:
RELATIONSHIP BETWEEN DEVICE AND SPI CLOCK SPEED
TABLE 14-1:
SAMPLE SCKx FREQUENCIES
FCY = 40 MHz
Secondary Prescaler Settings
1:1
2:1
4:1
6:1
8:1
Primary Prescaler Settings
1:1
Invalid
Invalid
10000
6666.67
5000
4:1
10000
5000
2500
1666.67
1250
16:1
2500
1250
625
416.67
312.50
64:1
625
312.5
156.25
104.17
78.125
FCY = 5 MHz
Primary Prescaler Settings
1:1
5000
2500
1250
833
625
4:1
1250
625
313
208
156
16:1
313
156
78
52
39
64:1
78392013
10
Note: SCKx frequencies shown in kHz.
SDOx
SDIx
dsPIC33F
Serial Clock
SSx
SCKx
Frame Sync
Pulse
SDIx
SDOx
PROCESSOR 2
SSx
SCKx
SDOx
SDIx
dsPIC33F
Serial Clock
SSx
SCKx
Frame Sync
Pulse
SDIx
SDOx
PROCESSOR 2
SSx
SCKx
Primary Prescaler * Secondary Prescaler
FCY
FSCK =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com