Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12GP201TE/P Datasheet(PDF) 196 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/P Datasheet(HTML) 196 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/P Datasheet HTML 192Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 193Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 194Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 195Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 196Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 197Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 198Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 199Page - Microchip Technology DSPIC33FJ12GP201TE/P Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 242 page
background image
dsPIC33FJ12GP201/202
DS70264B-page 194
Preliminary
© 2007 Microchip Technology Inc.
TABLE 21-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
DC20d
24
30
mA
-40°C
3.3V
10 MIPS
DC20a
27
30
mA
+25°C
DC20b
27
30
mA
+85°C
DC20c
27
35
mA
+125°C
DC21d
30
40
mA
-40°C
3.3V
16 MIPS
DC21a
31
40
mA
+25°C
DC21b
32
45
mA
+85°C
DC21c
33
45
mA
+125°C
DC22d
35
50
mA
-40°C
3.3V
20 MIPS
DC22a
38
50
mA
+25°C
DC22b
38
55
mA
+85°C
DC22c
39
55
mA
+125°C
DC23d
47
70
mA
-40°C
3.3V
30 MIPS
DC23a
48
70
mA
+25°C
DC23b
48
70
mA
+85°C
DC23c
48
70
mA
+125°C
DC24d
56
90
mA
-40°C
3.3V
40 MIPS
DC24a
56
90
mA
+25°C
DC24b
54
90
mA
+85°C
DC24c
54
80
mA
+125°C
3.3V
35 MIPS
Note 1:
Data in “Typical” column is at 3.3V, 25°C unless otherwise stated.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail to rail. All I/O pins are configured as inputs and pulled to VSS.
MCLR = VDD, WDT and FSCM are disabled. CPU, SRAM, program memory and data memory are
operational. No peripheral modules are operating; however, every peripheral is being clocked (PMD bits
are all zeroed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com