Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12GP201TE/SP Datasheet(PDF) 233 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/SP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/SP Datasheet(HTML) 233 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/SP Datasheet HTML 229Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 230Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 231Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 232Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 233Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 234Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 235Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 236Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 237Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 242 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70264B-page 231
dsPIC33FJ12GP201/202
APPENDIX A: REVISION HISTORY
Revision A (January 2007)
Initial release of this document.
Revision B (May 2007)
This revision includes the following corrections and
updates:
• Minor typographical and formatting corrections
throughout the data sheet text.
• New content:
- Addition of bullet item (16-word conversion
result buffer) (see Section 17.1 “Key
Features”)
• Figure update:
- Oscillator System Diagram (see Figure 7-1)
- WDT Block Diagram (see Figure 18-2)
• Equation update:
- Serial Clock Rate (see Equation 15-1)
• Register updates:
- Clock Divisor Register (see Register 7-2)
- PLL Feedback Divisor Register (see
Register 7-3)
- Peripheral Pin Select Input Registers (see
Register 9-1 through Register 9-9)
- ADC1 Input Channel 1, 2, 3 Select Register
(see Register 17-4)
- ADC1 Input Channel 0 Select Register (see
Register 17-5)
• Table updates:
- CNEN2 (see Table 3-2 and Table 3-3)
- Reset Flag Bit Operation (see Table 5-1)
- Configuration Bit Values for Clock Operation
(see Table 7-1)
• Operation value update:
- IOLOCK set/clear operation (see
Section 9.4.4.1 “Control Register Lock”)
• The following tables in Section 21.0 “Electrical
Characteristics” have been updated with
preliminary values:
- Updated Max MIPS for -40°C to +125°C
Temp Range (see Table 21-1)
- Added new parameters for +125°C, and
updated Typical and Max values for most
parameters (see Table 21-5)
- Added new parameters for +125°C, and
updated Typical and Max values for most
parameters (see Table 21-6)
- Added new parameters for +125°C, and
updated Typical and Max values for most
parameters (see Table 21-7)
- Added new parameters for +125°C, and
updated Typical and Max values for most
parameters (see Table 21-8)
- Updated parameter DI51, added parameter
DI51a (see Table 21-9)
- Added Note 1 (see Table 21-11)
- Updated parameter OS30 (see Table 21-16)
- Updated parameter OS52 (see Table 21-17)
- Updated parameter F20, added Note 2 (see
Table 21-18)
- Updated parameter F21 (see Table 21-19)
- Updated parameter TA15 (see Table 21-22)
- Updated parameter TB15 (see Table 21-23)
- Updated parameter TC15 (see Table 21-24)
- Updated parameter IC15 (see Table 21-25)
- Updated parameters AD05, AD06, AD07,
AD08, AD10, and AD11; added parameters
AD05a and AD06a; added Note 2; modified
ADC Accuracy headings to include
measurement information (see Table 21-34)
- Separated the ADC Module Specifications
table into three tables (see Table 21-34,
Table 21-35, and Table 21-36)
- Updated parameter AD50 (see Table 21-37)
- Updated parameters AD50 and AD57 (see
Table 21-38)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com