Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12GP201TE/SP Datasheet(PDF) 50 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/SP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/SP Datasheet(HTML) 50 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/SP Datasheet HTML 46Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 47Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 48Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 49Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 50Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 51Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 52Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 53Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 242 page
background image
dsPIC33FJ12GP201/202
DS70264B-page 48
Preliminary
© 2007 Microchip Technology Inc.
4.2
RTSP Operation
The dsPIC33FJ12GP201/202 Flash program memory
array is organized into rows of 64 instructions or 192
bytes. RTSP allows the user application to erase a
page of memory, which consists of eight rows (512
instructions) at a time, and to program one row or one
word at a time. The 8-row erase pages and single row
write rows are edge-aligned from the beginning of
program memory, on boundaries of 1536 bytes and
192 bytes, respectively.
The program memory implements holding buffers that
can contain 64 instructions of programming data. Prior
to the actual programming operation, the write data
must be loaded into the buffers sequentially. The
instruction words loaded must always be from a group
of 64 boundary.
The basic sequence for RTSP programming is to set up
a Table Pointer, then do a series of TBLWT instructions
to load the buffers. Programming is performed by set-
ting the control bits in the NVMCON register. A total of
64 TBLWTL and TBLWTH instructions are required to
load the instructions.
All of the table write operations are single-word writes
(two instruction cycles) because only the buffers are
written. A programming cycle is required for
programming each row.
4.3
Control Registers
Two SFRs are used to read and write the program
Flash memory:
• NVMCON: Flash Memory Control Register
• NVMKEY: NonVolatile Memory Key Register
The NVMCON register (Register 4-1) controls which
blocks are to be erased, which memory type is to be
programmed and the start of the programming cycle.
NVMKEY (Register 4-2) is a write-only register that is
used for write protection. To start a programming or
erase
sequence,
the
user
application
must
consecutively write 55h and AAh to the NVMKEY
register.
Refer
to
Section 4.4
“Programming
Operations” for further details.
4.4
Programming Operations
A complete programming sequence is necessary for
programming or erasing the internal Flash in RTSP
mode. A programming operation is nominally 4 ms in
duration and the processor stalls (waits) until the oper-
ation is finished. Setting the WR bit (NVMCON<15>)
starts the operation, and the WR bit is automatically
cleared when the operation is finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com