Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12GP201TE/SP Datasheet(PDF) 123 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/SP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/SP Datasheet(HTML) 123 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/SP Datasheet HTML 119Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 120Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 121Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 122Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 123Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 124Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 125Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 126Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 242 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70264B-page 121
dsPIC33FJ12GP201/202
11.0 TIMER2/3 FEATURE
The Timer2/3 feature has 32-bit timers that can also be
configured as two independent 16-bit timers with
selectable operating modes.
As a 32-bit timer, the Timer2/3 feature permits
operation in three modes:
• Two Independent 16-bit timers (Timer2 and
Timer3) with all 16-bit operating modes (except
Asynchronous Counter mode)
• Single 32-bit timer (Timer2/3)
• Single 32-bit synchronous counter (Timer2/3)
The Timer2/3 feature also supports:
• Timer gate operation
• Selectable Prescaler Settings
• Timer operation during Idle and Sleep modes
• Interrupt on a 32-bit Period Register Match
• Time Base for Input Capture and Output Compare
Modules (Timer2 and Timer3 only)
• ADC1 Event Trigger (Timer2/3 only)
Individually, all eight of the 16-bit timers can function as
synchronous timers or counters. They also offer the
features listed above, except for the event trigger. The
operating modes and enabled features are determined
by setting the appropriate bit(s) in the T2CON and
T3CON registers. T2CON registers are shown in
generic form in Register 11-1. T3CON registers are
shown in Register 11-2.
For 32-bit timer/counter operation, Timer2 is the least
significant word, and Timer3 is the most significant
word of the 32-bit timers.
11.1
32-bit Operation
To configure the Timer2/3 feature for 32-bit operation:
1.
Set the corresponding T32 control bit.
2.
Select the prescaler ratio for Timer2 using the
TCKPS<1:0> bits.
3.
Set the Clock and Gating modes using the
corresponding TCS and TGATE bits.
4.
Load the timer period value. PR3 contains the
most significant word of the value, while PR2
contains the least significant word.
5.
If interrupts are required, set the interrupt enable
bit, T3IE. Use the priority bits T3IP<2:0> to set
the interrupt priority. While Timer2 controls the
timer, the interrupt appears as a Timer3 inter-
rupt.
6.
Set the corresponding TON bit.
The timer value at any point is stored in the register
pair TMR3:TMR2. TMR3 always contains the most
significant word of the count, while TMR2 contains the
least significant word.
To configure any of the timers for individual 16-bit
operation:
1.
Clear the T32 bit corresponding to that timer.
2.
Select the timer prescaler ratio using the
TCKPS<1:0> bits.
3.
Set the Clock and Gating modes using the TCS
and TGATE bits.
4.
Load the timer period value into the PRx
register.
5.
If interrupts are required, set the interrupt enable
bit, TxIE. Use the priority bits, TxIP<2:0>, to set
the interrupt priority.
6.
Set the TON bit.
Note:
This data sheet summarizes the features
of the dsPIC33FJ12GP201/202 devices. It
is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“dsPIC33F Family Reference Manual”.
Please see the Microchip web site
(www.microchip.com)
for
the
latest
dsPIC33F Family Reference Manual
sections.
Note:
For 32-bit operation, T3CON control bits
are ignored. Only T2CON control bit is
used for setup and control. Timer2 clock
and gate inputs are used for the 32-bit
timer modules, but an interrupt is gener-
ated with the Timer3 interrupt flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com