Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12GP201TE/SP Datasheet(PDF) 155 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/SP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/SP Datasheet(HTML) 155 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/SP Datasheet HTML 151Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 152Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 153Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 154Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 155Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 156Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 157Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 158Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 242 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70264B-page 153
dsPIC33FJ12GP201/202
16.0 UNIVERSAL ASYNCHRONOUS
RECEIVER TRANSMITTER
(UART)
The Universal Asynchronous Receiver Transmitter
(UART) module is one of the serial I/O modules
available in the dsPIC33FJ12GP201/202 device family.
The UART is a full-duplex asynchronous system that
can communicate with peripheral devices, such as
personal computers, LIN, RS-232 and RS-485
interfaces. The module also supports a hardware flow
control option with the UxCTS and UxRTS pins and
also includes an IrDA® encoder and decoder.
The primary features of the UART module are:
• Full-Duplex, 8- or 9-bit Data Transmission through
the UxTX and UxRX pins
• Even, odd or no parity options (for 8-bit data)
• One or two stop bits
• Hardware Flow Control Option with UxCTS and
UxRTS pins
• Fully Integrated Baud Rate Generator with 16-bit
prescaler
• Baud rates ranging from 1 Mbps to 15 Mbps at
16 MIPS
• 4-deep First-In First-Out (FIFO) Transmit Data
Buffer
• 4-Deep FIFO Receive Data Buffer
• Parity, framing and buffer overrun error detection
• Support for 9-bit mode with Address Detect
(9th bit = 1)
• Transmit and Receive interrupts
• A separate interrupt for all UART error conditions
• Loopback mode for diagnostic support
• Support for Sync and Break characters
• Support for automatic baud rate detection
• IrDA encoder and decoder logic
• 16x baud clock output for IrDA support
A simplified block diagram of the UART module is
shown in Figure 16-1. The UART module consists of
these key hardware elements:
• Baud Rate Generator
• Asynchronous Transmitter
• Asynchronous Receiver
FIGURE 16-1:
UART SIMPLIFIED BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of the dsPIC33FJ12GP201/202 devices. It
is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“dsPIC33F Family Reference Manual”.
Please see the Microchip web site
(www.microchip.com)
for
the
latest
dsPIC33F Family Reference Manual
sections.
UxRX
Hardware Flow Control
UART Receiver
UART Transmitter
UxTX
BCLK
Baud Rate Generator
UxRTS
IrDA®
UxCTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com