Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12GP201TE/SP Datasheet(PDF) 176 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/SP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/SP Datasheet(HTML) 176 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/SP Datasheet HTML 172Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 173Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 174Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 175Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 176Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 177Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 178Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 179Page - Microchip Technology DSPIC33FJ12GP201TE/SP Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 242 page
background image
dsPIC33FJ12GP201/202
DS70264B-page 174
Preliminary
© 2007 Microchip Technology Inc.
TABLE 18-2:
dsPIC33FJ12GP201/202 CONFIGURATION BITS DESCRIPTION
Bit Field
Register
Description
BWRP
FBS
Boot Segment Program Flash Write Protection
1 = Boot segment may be written
0 = Boot segment is write-protected
BSS<2:0>
FBS
Boot Segment Program Flash Code Protection Size
X11 = No Boot program Flash segment
Boot space is 256 Instruction Words (except interrupt vectors)
110 = Standard security; boot program Flash segment ends at 0x0003FE
010 = High security; boot program Flash segment ends at 0x0003FE
Boot space is 768 Instruction Words (except interrupt vectors)
101 = Standard security; boot program Flash segment, ends at
0x0007FE
001 = High security; boot program Flash segment ends at 0x0007FE
Boot space is 1792 Instruction Words (except interrupt vectors)
100 = Standard security; boot program Flash segment ends at 0x000FFE
000 = High security; boot program Flash segment ends at 0x000FFE
GSS<1:0>
FGS
General Segment Code-Protect bit
11 = User program memory is not code-protected
10 = Standard security
0x = High security
GWRP
FGS
General Segment Write-Protect bit
1 = User program memory is not write-protected
0 = User program memory is write-protected
IESO
FOSCSEL
Two-speed Oscillator Start-up Enable bit
1 = Start-up device with FRC, then automatically switch to the
user-selected oscillator source when ready
0 = Start-up device with user-selected oscillator source
FNOSC<2:0>
FOSCSEL
Initial Oscillator Source Selection bits
111 = Internal Fast RC (FRC) oscillator with postscaler
110 = Internal Fast RC (FRC) oscillator with divide-by-16
101 = LPRC oscillator
100 = Secondary (LP) oscillator
011 = Primary (XT, HS, EC) oscillator with PLL
010 = Primary (XT, HS, EC) oscillator
001 = Internal Fast RC (FRC) oscillator with PLL
000 = FRC oscillator
FCKSM<1:0>
FOSC
Clock Switching Mode bits
1x = Clock switching is disabled, fail-safe clock monitor is disabled
01 = Clock switching is enabled, fail-safe clock monitor is disabled
00 = Clock switching is enabled, fail-safe clock monitor is enabled
IOL1WAY
FOSC
Peripheral Pin Select Configuration
1 = Allow only one reconfiguration
0 = Allow multiple reconfigurations
OSCIOFNC
FOSC
OSC2 Pin Function bit (except in XT and HS modes)
1 = OSC2 is clock output
0 = OSC2 is general purpose digital I/O pin
POSCMD<1:0>
FOSC
Primary Oscillator Mode Select bits
11 = Primary oscillator disabled
10 = HS Crystal Oscillator mode
01 = XT Crystal Oscillator mode
00 = EC (External Clock) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com