Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/PF Datasheet(PDF) 225 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/PF Datasheet(HTML) 225 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/PF Datasheet HTML 221Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 222Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 223Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 224Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 225Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 226Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 227Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 228Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 238 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70143C-page 223
dsPIC30F6011A/6012A/6013A/6014A
APPENDIX B:
DEVICE
COMPARISONS
This appendix outlines the differences between the
dsPIC30F6011 and the dsPIC30F6011A (Table B-1),
between the dsPIC30F6012 and the dsPIC30F6012A
(Table B-2), between the dsPIC30F6013 and the
dsPIC30F6013A
(Table B-3)
and
between
the
dsPIC30F6014 and the dsPIC30F6014A (Table B-4).
Differences are highlighted in the tables.
TABLE B-1:
dsPIC30F6011 AND dsPIC30F6011A COMPARISON
TABLE B-2:
dsPIC30F6012 AND dsPIC30F6012A COMPARISON
Features
dsPIC30F6011
dsPIC30F6011A
Program Memory (Kbytes)
132
132
Data Memory (Bytes)
6144
6144
Data EEPROM (Bytes)
2048
2048
Timers (16-bit)
5
5
Input Capture Channels
8
8
Output Compare/Standard PWM Channels
8
8
Codec Interface
—
—
ADC 12-bit 100 ksps
16 channels
16 channels
UART
2
2
SPI
2
2
I2C™
1
1
CAN
2
2
PGC (ICSP Clock Input)
PGD (ICSP Data Input/Output)
RB1/AN1
RB0/AN0
RB6/AN6
RB7/AN7
Packages
64-pin TQFP (14x14x1mm)
64-pin TQFP (14x14x1mm)
64-pin TQFP (10x10x1mm)
I/O Pins (max)
52
52
Features
dsPIC30F6012
dsPIC30F6012A
Program Memory (Kbytes)
144
144
Data Memory (Bytes)
8192
8192
Data EEPROM (Bytes)
4096
4096
Timers (16-bit)
5
5
Input Capture Channels
8
8
Output Compare/Standard PWM Channels
8
8
Codec Interface
AC97, I2S
AC97, I2S
ADC 12-bit 100 ksps
16 channels
16 channels
UART
2
2
SPI
2
2
I2C™
1
1
CAN
2
2
PGC (ICSP Clock Input)
PGD (ICSP Data Input/Output)
RB1/AN1
RB0/AN0
RB6/AN6
RB7/AN7
Packages
64-pin TQFP (14x14x1mm)
64-pin TQFP (14x14x1mm)
64-pin TQFP (10x10x1mm)
I/O Pins (max)
52
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com