Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/PF Datasheet(PDF) 227 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/PF Datasheet(HTML) 227 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/PF Datasheet HTML 223Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 224Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 225Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 226Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 227Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 228Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 229Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 230Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 231Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 238 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70143C-page 225
dsPIC30F6011A/6012A/6013A/6014A
APPENDIX C:
MIGRATION FROM
dsPIC30F601x TO
dsPIC30F601xA
DEVICES
The
dsPIC30F601xA
devices
supercede
the
dsPIC30F601x devices. The “A” version of the silicon is
identical in nearly all aspects compared to the
dsPID30F601x
devices.
Review
the
latest
dsPIC30F601x Silicon Errata documents posted on the
Microchip web to see what is fixed in the “A” version of
the silicon. This appendix describes the differences
between the dsPIC30F6011, 6012, 6013 and 6014 and
the dsPIC30F6011A, 6012A, 6013A and 6014A
devices, respectively.
C.1
PGC and PGD Programming Pins
The Programming Clock (PGC) and Data (PGD) pins
for the dsPIC30F6011A and dsPIC30F6012A devices
have been moved relative to the dsPIC30F6011 and
dsPIC30F6012 devices, respectively. The PGC/EMUC
function is now provided on the AN6/OCFA/RB6 pin
and the PGD/EMUD function is now provided on the
AN7/RB7
pin
for
the
dsPIC30F6011A
and
dsPIC30F6012A devices. Programming of these two
devices must use the new PGC/EMUC and PGD/
EMUD pins.
The PGC/EMUC and PGD/EMUD pins on the
dsPIC30F6013A and dsPIC30F6014A devices have
not been changed relative to the dsPIC30F6013 and
dsPIC30F6014 devices, respectively.
C.2
Code Compatibility
For the most part, dsPIC30F code developed with the
MPLAB C30 C Compiler and MPLAB ASM30 Assem-
bler is directly portable between the dsPIC30F601x
and dsPIC30F601xA devices. However, in some cases
small changes may be required depending on which
features have been enhanced. To migrate source code
to the “A” version of the devices, perform these two
steps:
1.
Include the appropriate dsPIC30F601xA device
header (.h), linker (.gld) and include (.inc)
files in the source code files.
2.
Remove any workarounds implemented in
source code or MPLAB C30 Compiler com-
mand-line options for errata described in the
“dsPIC30F6011/6012/6013/6014 Rev. B2
Silicon Errata” (DS80198B) document.
Other changes are called out in this section. Read the
latest
dsPIC30F601xA
Silicon
Errata
documents
posted on the Microchip web site.
C.3
Oscillator Operation
Several oscillator modes have been added to the
dsPIC30F601xA devices:
• FRC with x4, x8 and x16 PLL mode
• HS/2 with x4, x8 and x16 PLL mode
• HS/3 with x4, x8 and x16 PLL mode
The
new
oscillator
modes
are
presented
in
Section 20.0 “System Integration”.
In support of the FRC, the OSCTUN Special Function
Register (SFR) has been added. This register includes
four FRC tuning bits (TUN<4:1>). This is a new feature
and hence there are no code or operational compatibil-
ity issues to address.
Another important change deals with the OSCCON
SFR. Bits have been added to both the COSC and
NOSC functional definitions. Use the “A” device header
(.h), linker (.gld) and include (.inc) files to achieve
code portability with the OSCCON SFR.
C.4
Device Configuration Registers
In support of the new Oscillator modes, the FOSC Con-
figuration
Register
has
been
modified.
The
dsPIC30F6011A/6012A/6013A/6014A device header
and include files provide the updated bit field definitions
and macros for the device Configuration Registers.
Please refer to these new macros when embedding
specific device configuration information in the C and
Assembly source files.
C.5
Electrical Characteristics
The dsPIC30F6011A/6012A/6013A/6014A devices are
rated at 30MIPs @ 4.5-5.5 VDC and 20 MIPs @
3.0-3.6 VDC for the Industrial Temperature range.
Even though compatible devices are tested to the
same electrical specifications, the device characteris-
tics may have changed due to normal process varia-
tions. These differences should not affect the systems
that were designed well within the device specifica-
tions. For systems that operate close to or outside the
specification limits, manufacturing differences may
cause the device to behave differently.
Note:
Oscillator operation should be verified to
ensure that it starts and performs as
expected. You may need to adjust the load
capacitor and/or the Oscillator mode to
achieve the proper values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com