Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/PF Datasheet(PDF) 152 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/PF Datasheet(HTML) 152 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/PF Datasheet HTML 148Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 149Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 150Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 151Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 152Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 153Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 154Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 155Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 238 page
background image
dsPIC30F6011A/6012A/6013A/6014A
DS70143C-page 150
Preliminary
© 2006 Microchip Technology Inc.
REGISTER 20-1:
OSCCON: OSCILLATOR CONTROL REGISTER
U-0
R-y
R-y
R-y
U-0
R/W-y
R/W-y
R/W-y
—COSC<2:0>
—NOSC<2:0>
bit 15
bit 8
R/W-0
R/W-0
R-0
U-0
R/W-0
U-0
R/W-0
R/W-0
POST<1:0>
LOCK
—CF
—
LPOSCEN
OSWEN
bit 7
bit 0
Legend:
y = Values dependent on FOSC
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented: Read as ‘0’
bit 14-12
COSC<2:0>: Current Oscillator Group Selection bits (read-only)
111
= PLL Oscillator; PLL source selected by FPR<4:0> bits
011
= External Oscillator; OSC1/OSC2 pins; External Oscillator configuration selected by FPR<4:0>
bits
010
= LPRC internal low-power RC
001
= FRC internal fast RC
000
= LP crystal oscillator; SOSCI/SOSCO pins
Set to FOS<2:0> values on POR or BOR.
Loaded with NOSC<2:0> at the completion of a successful clock switch.
Set to FRC value when FSCM detects a failure and switches clock to FRC.
bit 11
Unimplemented: Read as ‘0’
bit 10-8
NOSC<2:0>: New Oscillator Group Selection bits
111
= PLL Oscillator; PLL source selected by FPR<4:0> bits
011
= External Oscillator; OSC1/OSC2 pins; External Oscillator configuration selected by FPR<4:0>
bits
010
= LPRC internal low-power RC
001
= FRC internal fast RC
000
= LP crystal oscillator; SOSCI/SOSCO pins
Set to FOS<2:0> values on POR or BOR.
bit 7-6
POST<1:0>: Oscillator Postscaler Selection bits
11
= Oscillator postscaler divides clock by 64
10
= Oscillator postscaler divides clock by 16
01
= Oscillator postscaler divides clock by 4
00
= Oscillator postscaler does not alter clock
bit 5
LOCK: PLL Lock status bit (Read Only)
1
= Indicates that PLL is in lock
0
= Indicates that PLL is out of lock (or disabled)
bit 4
Unimplemented: Read as ‘0’
bit 3
CF: Clock Fail Detect bit (read/clearable by application)
1
= FSCM has detected clock failure
0
= FSCM has NOT detected clock failure
bit 2
Unimplemented: Read as ‘0’
bit 1
LPOSCEN: 32 KHz Secondary (LP) Oscillator Enable
1
= Secondary Oscillator is enabled
0
= Secondary Oscillator is disabled
bit 0
OSWEN: Oscillator Switch Enable bit
1
= Request Oscillator switch to selection specified by NOSC<2:0> bits
0
= Oscillator switch is complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com