Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/PF Datasheet(PDF) 154 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/PF Datasheet(HTML) 154 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/PF Datasheet HTML 150Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 151Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 152Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 153Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 154Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 155Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 156Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 157Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 238 page
background image
dsPIC30F6011A/6012A/6013A/6014A
DS70143C-page 152
Preliminary
© 2006 Microchip Technology Inc.
REGISTER 20-3:
FOSC: OSCILLATOR CONFIGURATION REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 23
bit 16
R/P
R/P
U-0
U-0
U-0
R/P
R/P
R/P
FCKSM<1:0>
—
—
—FOS<2:0>
bit 15
bit 8
U-0
U-0
U-0
R/P
R/P
R/P
R/P
R/P
—
—
—FPR<4:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-16
Unimplemented: Read as ‘0’
bit 15-14
FCKSM<1:0>: Clock Switching and Monitor Selection Configuration bits
1x
= Clock switching is disabled, fail safe clock monitor is disabled
01
= Clock switching is enabled, fail safe clock monitor is disabled
00
= Clock switching is enabled, fail safe clock monitor is enabled
bit 13-11
Unimplemented: Read as ‘0’
bit 10-8
FOS<2:0>: Oscillator Group Selection on POR bits
111
= PLL Oscillator; PLL source selected by FPR<4:0> bits. See Table 20-2.
011
= EXT: External Oscillator; OSC1/OSC2 pins; External Oscillator configuration selected by
FPR<4:0> bits
010
= LPRC: Internal Low Power RC
001
= FRC: Internal Fast RC
000
= LPOSC: Low Power Crystal Oscillator; SOSCI/SOSCO pins
bit 7-5
Unimplemented: Read as ‘0’
bit 4-0
FPR<4:0>: Oscillator Selection within Primary Group bits, see Table 20-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com