Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/PF Datasheet(PDF) 179 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/PF Datasheet(HTML) 179 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/PF Datasheet HTML 175Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 176Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 177Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 178Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 179Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 180Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 181Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 182Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 183Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 238 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70143C-page 177
dsPIC30F6011A/6012A/6013A/6014A
TABLE 23-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
DC31a
3.1
6
mA
25°C
3.3V
0.128 MIPS
LPRC (512 kHz)
DC31b
3.2
6
mA
85°C
DC31c
3.1
6
mA
125°C
DC31e
5.7
9
mA
25°C
5V
DC31f
5.5
9
mA
85°C
DC31g
5.5
9
mA
125°C
DC30a
10
15
mA
25°C
3.3V
(1.8 MIPS)
FRC (7.37 MHz)
DC30b
10
15
mA
85°C
DC30c
10
15
mA
125°C
DC30e
17
26
mA
25°C
5V
DC30f
17
26
mA
85°C
DC30g
17
26
mA
125°C
DC23a
19
30
mA
25°C
3.3V
4 MIPS
DC23b
20
30
mA
85°C
DC23c
20
30
mA
125°C
DC23e
32
50
mA
25°C
5V
DC23f
32
50
mA
85°C
DC23g
33
50
mA
125°C
DC24a
45
68
mA
25°C
3.3V
10 MIPS
DC24b
45
68
mA
85°C
DC24c
46
68
mA
125°C
DC24e
74
105
mA
25°C
5V
DC24f
74
105
mA
85°C
DC24g
75
105
mA
125°C
DC27a
84
105
mA
25°C
3.3V
20 MIPS
DC27b
84
105
mA
85°C
DC27d
140
180
mA
25°C
5V
DC27e
138
180
mA
85°C
DC27f
138
180
mA
125°C
DC29a
203
250
mA
25°C
5V
30 MIPS
DC29b
202
250
mA
85°C
Note 1: Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail to rail. All I/O pins are configured as Inputs and pulled to VDD.
MCLR = VDD, WDT, FSCM, LVD and BOR are disabled. CPU, SRAM, Program Memory and Data Memory
are operational. No peripheral modules are operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com