Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/PF Datasheet(PDF) 181 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/PF Datasheet(HTML) 181 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/PF Datasheet HTML 177Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 178Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 179Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 180Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 181Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 182Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 183Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 184Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 238 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70143C-page 179
dsPIC30F6011A/6012A/6013A/6014A
TABLE 23-7:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Parameter
No.
Typical
Max
Units
Conditions
Power Down Current (IPD)
DC60a
0.5
—
μA
25°C
3.3V
Base Power Down Current(1)
DC60b
1
40
μA
85°C
DC60c
24
65
μA
125°C
DC60e
0.7
—
μA
25°C
5V
DC60f
4
55
μA
85°C
DC60g
35
90
μA
125°C
DC61a
9
20
μA
25°C
3.3V
Watchdog Timer Current:
ΔIWDT(2)
DC61b
9
20
μA
85°C
DC61c
8
20
μA
125°C
DC61e
18
40
μA
25°C
5V
DC61f
16
40
μA
85°C
DC61g
15
40
μA
125°C
DC62a
4
10
μA
25°C
3.3V
Timer 1 w/32 kHz Crystal:
ΔITI32(2)
DC62b
5
10
μA
85°C
DC62c
4
10
μA
125°C
DC62e
4
15
μA
25°C
5V
DC62f
6
15
μA
85°C
DC62g
5
15
μA
125°C
DC63a
30
55
μA
25°C
3.3V
BOR On:
ΔIBOR(2)
DC63b
34
55
μA
85°C
DC63c
35
55
μA
125°C
DC63e
36
60
μA
25°C
5V
DC63f
39
60
μA
85°C
DC63g
40
60
μA
125°C
DC66a
20
35
μA
25°C
3.3V
Low Voltage Detect:
ΔILVD(2)
DC66b
22
35
μA
85°C
DC66c
23
35
μA
125°C
DC66e
24
40
μA
25°C
5V
DC66f
26
40
μA
85°C
DC66g
26
40
μA
125°C
Note 1: Base IPD is measured with all peripherals and clocks shut down. All I/Os are configured as inputs and
pulled high. LVD, BOR, WDT, etc. are all switched off.
2: The
Δ current is the additional current consumed when the module is enabled. This current should be
added to the base IPD current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com