| Electronic Components Datasheet Search |
|
DSPIC30F0010AT-30I/PF Datasheet(PDF) 95 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F0010AT-30I/PF Datasheet(HTML) 95 Page - Microchip Technology |
|
95 / 236 page ![]() © 2007 Microchip Technology Inc. DS70150C-page 93 dsPIC30F6010A/6015 15.0 MOTOR CONTROL PWM MODULE This module simplifies the task of generating multiple, synchronized Pulse-Width Modulated (PWM) outputs. In particular, the following power and motion control applications are supported by the PWM module: • Three Phase AC Induction Motor • Switched Reluctance (SR) Motor • Brushless DC (BLDC) Motor • Uninterruptible Power Supply (UPS) The PWM module has the following features: • 8 PWM I/O pins with 4 duty cycle generators • Up to 16-bit resolution • ‘On-the-Fly’ PWM frequency changes • Edge and Center-Aligned Output modes • Single Pulse Generation mode • Interrupt support for asymmetrical updates in Center-Aligned mode • Output override control for Electrically Commutative Motor (ECM) operation • ‘Special Event’ comparator for scheduling other peripheral events • Fault pins to optionally drive each of the PWM output pins to a defined state • Duty cycle updates are configurable to be immediate or synchronized to the PWM time base This module contains 4 duty cycle generators, num- bered 1 through 4. The module has 8 PWM output pins, numbered PWM1H/PWM1L through PWM4H/PWM4L. The eight I/O pins are grouped into high/low numbered pairs, denoted by the suffix H or L, respectively. For complementary loads, the low PWM pins are always the complement of the corresponding high I/O pin. The PWM module allows several modes of operation which are beneficial for specific power control applications. Note: This data sheet summarizes features of this group of dsPIC30F devices and is not intended to be a complete reference source. For more information on the CPU, peripherals, register descriptions and general device functionality, refer to the “dsPIC30F Family Reference Manual” (DS70046). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |