Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/S Datasheet(PDF) 149 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/S Datasheet(HTML) 149 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/S Datasheet HTML 145Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 146Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 147Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 148Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 149Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 150Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 151Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 152Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 238 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70143C-page 147
dsPIC30F6011A/6012A/6013A/6014A
20.2.2
OSCILLATOR START-UP TIMER
(OST)
In order to ensure that a crystal oscillator (or ceramic
resonator) has started and stabilized, an Oscillator
Start-up Timer is included. It is a simple 10-bit counter
that counts 1024 TOSC cycles before releasing the
oscillator clock to the rest of the system. The time-out
period is designated as TOST. The TOST time is
involved every time the oscillator has to restart (i.e., on
POR, BOR and wake-up from Sleep). The Oscillator
Start-up Timer is applied to the LP, XT, XTL and HS
Oscillator modes (upon wake-up from Sleep, POR and
BOR) for the primary oscillator.
20.2.3
LP OSCILLATOR CONTROL
Enabling the LP oscillator is controlled with two
elements:
1.
The current oscillator group bits COSC<2:0>
2.
The LPOSCEN bit (OSCCON register)
The LP oscillator is ON (even during Sleep mode) if
LPOSCEN = 1. The LP oscillator is the device clock if:
• COSC<2:0> = 000 (LP selected as main oscillator)
and
• LPOSCEN = 1
Keeping the LP oscillator ON at all times allows for a
fast switch to the 32 kHz system clock for lower power
operation. Returning to the faster main oscillator will
still require a start-up time.
20.2.4
PHASE LOCKED LOOP (PLL)
The PLL multiplies the clock which is generated by the
primary oscillator. The PLL is selectable to have either
gains of x4, x8 and x16. Input and output frequency
ranges are summarized in Table 20-3.
TABLE 20-3:
PLL FREQUENCY RANGE
The PLL features a lock output, which is asserted when
the PLL enters a phase locked state. Should the loop
fall out of lock (e.g., due to noise), the lock signal will be
rescinded. The state of this signal is reflected in the
read-only LOCK bit in the OSCCON register.
20.2.5
FAST RC OSCILLATOR (FRC)
The FRC oscillator is a fast (7.37 MHz ±2% nominal)
internal RC oscillator. This oscillator is intended to pro-
vide reasonable device operating speeds without the
use of an external crystal, ceramic resonator or RC net-
work. The FRC oscillator can be used with the PLL to
obtain higher clock frequencies.
The dsPIC30F operates from the FRC oscillator when-
ever the current oscillator selection control bits in the
OSCCON register (OSCCON<14:12>) are set to ‘001’.
The
six
bit
field
specified
by
TUN<3:0>
(OSCTUN<3:0>) allows the user to tune the internal
fast RC oscillator (nominal 7.37 MHz). The user can
tune the FRC oscillator within a range of ±6% in steps
of 0.75% around the factory-calibrated setting (see
Table 20-4).
If OSCCON<14:12> are set to ‘111’ and FPR<4:0> are
set to ‘00101’, ‘00110’ or ‘00111’, then a PLL
multiplier of 4, 8 or 16 (respectively) is applied.
TABLE 20-4:
FRC TUNING
Fin
PLL
Multiplier
Fout
4 MHz-10 MHz
x4
16 MHz-40 MHz
4 MHz-10 MHz
x8
32 MHz-80 MHz
4 MHz-7.5 MHz
x16
64 MHz-120 MHz
Note:
When a 16x PLL is used, the FRC oscilla-
tor must not be tuned to a frequency
greater than 7.5 MHz.
TUN<3:0>
Bits
FRC Frequency
0111
+5.25%
0110
+4.50%
0101
+3.75%
0100
+3.00%
0011
+2.25%
0010
+1.50%
0001
+0.75%
0000
Center Frequency (oscillator is
running at calibrated frequency)
1111
-0.75%
1110
-1.50%
1101
-2.25%
1100
-3.00%
1011
-3.75%
1010
-4.50%
1001
-5.25%
1000
-6.00%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com