Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/S Datasheet(PDF) 151 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/S Datasheet(HTML) 151 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/S Datasheet HTML 147Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 148Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 149Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 150Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 151Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 152Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 153Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 154Page - Microchip Technology DSPIC30F2011AT-30I/S Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 238 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70143C-page 149
dsPIC30F6011A/6012A/6013A/6014A
20.2.8
PROTECTION AGAINST
ACCIDENTAL WRITES TO OSCCON
A write to the OSCCON register is intentionally made
difficult because it controls clock switching and clock
scaling.
To write to the OSCCON low byte, the following code
sequence must be executed without any other
instructions in between:
Byte write is allowed for one instruction cycle. Write the
desired value or use bit manipulation instruction.
To write to the OSCCON high byte, the following
instructions must be executed without any other
instructions in between:
Byte write is allowed for one instruction cycle. Write the
desired value or use bit manipulation instruction.
20.3
Oscillator Control Registers
The
oscillators
are
controlled
with
two
SFRs,
OSCCON and OSCTUN and one Configuration
register, FOSC.
Note:
The description of the OSCCON and
OSCTUN SFRs, as well as the FOSC
Configuration register provided in this
section
are
applicable
only
to
the
dsPIC30F6011A/6012A/6013A/6014A
devices in the dsPIC30F product family.
Byte Write
“0x46” to OSCCON low
Byte Write
“0x57” to OSCCON low
Byte Write
“0x78” to OSCCON high
Byte Write
“0x9A” to OSCCON high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com