Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30E/S Datasheet(PDF) 223 Page - Microchip Technology

Part # DSPIC30F2011AT-30E/S
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30E/S Datasheet(HTML) 223 Page - Microchip Technology

Back Button DSPIC30F2011AT-30E/S Datasheet HTML 219Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 220Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 221Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 222Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 223Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 224Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 225Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 226Page - Microchip Technology DSPIC30F2011AT-30E/S Datasheet HTML 227Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 238 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70143C-page 221
dsPIC30F6011A/6012A/6013A/6014A
APPENDIX A:
REVISION HISTORY
Revision A (January 2005)
Original data sheet for dsPIC30F6011A, 6012A, 6013A
and 6014A devices.
Revision B (September 2005)
Revision B of this data sheet reflects these changes:
• 12-Bit ADC allows up to 200 ksps sampling rate
(see Section 19.6 “Selecting the ADC Conver-
sion Clock” and Section 19.7 “ADC Speeds”),
• FRC Oscillator revised to allow tuning in ±0.75%
increments (see Section 20.2.5 “Fast RC Oscil-
lator (FRC)” and Table 20-4).
• Revised electrical characteristics:
- Operating Current (IDD) (see Table 23-5)
- Idle Current (IIDLE) (see Table 23-6)
- Power-Down Current (IPD) (seeTable 23-7)
- Brown-Out Reset (BOR) (see Table 23-11)
- External Clock Timing Requirements (see
Table 23-14)
- PLL Clock Timing Specifictation (VDD = 2.5-
5.5 V) (see Table 23-15)
- PLL Jitter (seeTable 23-16 )
- Internal FRC Jitter Accuracy and Drift (see
Table 23-18)
- 12-Bit ADC Module Specifications (see
Table 23-38)
- 12-Bit ADC Conversion Timing Requirements
(see Table 23-39)
Revision C (October 2006)
Revision C of this data sheet reflects these changes:
• BSRAM and SSRAM SFRs added for Data RAM
protection (see Section 3.2.7 “Data Ram Protec-
tion Feature”)
• Added INTTREG register (see Section 5.0
“Interrupts”)
• Revised I2C Slave Addresses (see Table 15-1)
• Base Instruction CP1 removed from instruction
set (see Table 21-2)
• Revised electrical characteristics:
- Operating Current (IDD) (see Table 23-5)
- Idle Current (IIDLE) (see Table 23-6)
- Power-Down Current (IPD) (seeTable 23-7)
- I/O Pin Input Specifications (see Table 23-8)
- Brown-Out Reset (BOR) (see Table 23-11)
- Watchdog Timer (see Table 23-21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com