Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18C601 Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 11Page - Microchip Technology PIC18C601 Datasheet HTML 12Page - Microchip Technology PIC18C601 Datasheet HTML 13Page - Microchip Technology PIC18C601 Datasheet HTML 14Page - Microchip Technology PIC18C601 Datasheet HTML 15Page - Microchip Technology PIC18C601 Datasheet HTML 16Page - Microchip Technology PIC18C601 Datasheet HTML 17Page - Microchip Technology PIC18C601 Datasheet HTML 18Page - Microchip Technology PIC18C601 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 15
PIC18C601/801
PORTC is a bi-directional I/O port.
RC0/T1OSO/T13CKI
RC0
T1OSO
T13CKI
30
41
36
49
I/O
O
I
ST
—
ST
Digital I/O.
Timer1 oscillator output.
Timer1/Timer3 external clock input.
RC1/T1OSI
RC1
T1OSI
29
40
35
48
I/O
I
ST
CMOS
Digital I/O.
Timer1 oscillator input.
RC2/CCP1
RC2
CCP1
33
44
43
56
I/O
I/O
ST
ST
Digital I/O.
Capture1 input/Compare1
output/PWM1 output.
RC3/SCK/SCL
RC3
SCK
SCL
34
45
44
57
I/O
I/O
I/O
ST
ST
ST
Digital I/O.
Synchronous serial clock
input/output for SPI mode.
Synchronous serial clock
input/output for I2C mode.
RC4/SDI/SDA
RC4
SDI
SDA
35
46
45
58
I/O
I
I/O
ST
ST
ST
Digital I/O.
SPI data in.
I2C data I/O.
RC5/SDO
RC5
SDO
36
47
46
59
I/O
O
ST
—
Digital I/O.
SPI data out.
RC6/TX/CK
RC6
TX
CK
31
42
37
50
I/O
O
I/O
ST
—
ST
Digital I/O.
USART asynchronous transmit.
USART synchronous clock.
RC7/RX/DT
RC7
RX
DT
32
43
38
51
I/O
I
I/O
ST
ST
ST
Digital I/O.
USART asynchronous receive.
USART synchronous data.
TABLE 1-2:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
PIC18C601
PIC18C801
TQFP
PLCC
TQFP
PLCC
Description
Legend:
TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com