Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTD6501C Datasheet(PDF) 2 Page - Microchip Technology

Part # MTD6501C
Description  Highly Integrated 3-Phase BLDC Sinusoidal Sensorless
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6501C Datasheet(HTML) 2 Page - Microchip Technology

  MTD6501C Datasheet HTML 1Page - Microchip Technology MTD6501C Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Information subject to change. The Microchip name and logo, the Microchip logo, dsPIC, PIC are registered trademarks and MiWi, PICtail and ZENA are trademarks of Microchip Technology Incorporated in the U.S.A.
and other countries. All other trademarks mentioned herein are property of their respective companies. © 2012, Microchip Technology Incorporated. All Rights Reserved. Printed in the U.S.A. 06/12
DS22310B
*DS22310B*
Visit our web site for additional product information and to locate your local sales office.
Microchip Technology Inc. • 2355 W. Chandler Blvd. • Chandler, AZ 85224-6199
www.microchip.com/analog
Dual Full-Bridge Drivers
The MTS2916A/MTS62C19A motor drivers are integrated
circuit to drive both windings of a bipolar stepper motor or
bi-directionally control of two DC motors. The two output
bridges can sustain 40V and deliver up to 750 mA of
continuous current each. The maximum output current,
controlled by a PWM circuit, is determined by the user’s
selection of a reference voltage, a sensing resistor and two
logic inputs. The outputs have been optimized for a low
output saturation voltage drop.
Features
■ Load voltage supply range: 10V to 40V
■ Output current up to 750 mA (each bridge)
■ Internal fixed Toff time PWM current control
■ Built-in protection diodes
■ Internal thermal shutdown
■ Under-voltage lockout
■ LS-TTL compatible logic inputs with pull-up resistors
■ Low Ron output resistance
■ Low quiescent current
■ Industry standard footprint
Device
Vmax
IOUT
Package
Features
MTS2916A
40V
750 mA
SOIC-24
Selectable output current limit, Current direction control,
Power bridge gate control, Current level control
MTS62C19A
40V
750 mA
SOIC-24
Selectable output current limit, Current direction control,
Power bridge gate control, Current level control
Development Tools
MTD6505 3-Phase BLDC Sensorless Fan Controller
Demonstration Board (ADM00345)
MTS2916A Stepper Driver Evaluation Board
(ADM00308)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com