Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS202TE/ML Datasheet(PDF) 253 Page - Microchip Technology

Part # DSPIC33FJ06GS202TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS202TE/ML Datasheet(HTML) 253 Page - Microchip Technology

Back Button DSPIC33FJ06GS202TE/ML Datasheet HTML 249Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 250Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 251Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 252Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 253Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 254Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 255Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 256Page - Microchip Technology DSPIC33FJ06GS202TE/ML Datasheet HTML 257Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 251
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
REGISTER 19-6:
ADCPC1: A/D CONVERT PAIR CONTROL REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IRQEN3(1)
PEND3(1)
SWTRG3(1)
TRGSRC3<4:0>(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IRQEN2(2)
PEND2(2)
SWTRG2(2)
TRGSRC2<4:0>(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
IRQEN3:
Interrupt Request Enable 3 bit(1)
1
= Enable IRQ generation when requested conversion of channels AN7 and AN6 is completed
0
= IRQ is not generated
bit 14
PEND3:
Pending Conversion Status 3 bit(1)
1
= Conversion of channels AN7 and AN6 is pending. Set when selected trigger is asserted
0
= Conversion is complete
bit 13
SWTRG3:
Software Trigger 3 bit(1)
1
= Start conversion of AN7 and AN6 (if selected in TRGSRC bits)(3)
This bit is automatically cleared by hardware when the PEND3 bit is set.
0
= Conversion is not started
Note 1:
These bits are available in the dsPIC33FJ16GS402/404, dsPIC33FJ16GS504, dsPIC33FJ16GS502 and
dsPIC33FJ06GS101 devices only.
2:
These bits are available in the dsPIC33FJ16GS502, dsPIC33FJ16GS504, dsPIC33FJ06GS102,
dsPIC33FJ06GS202 and dsPIC33FJ16GS402/404 devices only.
3:
If other conversions are in progress, then conversion will be performed when the conversion resources are
available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com