| Electronic Components Datasheet Search |
|
DSPIC33FJ06GS202TE/ML Datasheet(PDF) 256 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS202TE/ML Datasheet(HTML) 256 Page - Microchip Technology |
|
256 / 346 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS70318D-page 254 Preliminary © 2009 Microchip Technology Inc. REGISTER 19-7: ADCPC2: A/D CONVERT PAIR CONTROL REGISTER 2(1) R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 IRQEN5 PEND5 SWTRG5 TRGSRC5<4:0> bit 15 bit 8 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 IRQEN4 PEND4 SWTRG4 TRGSRC4<4:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 IRQEN5: Interrupt Request Enable 5 bit 1 = Enable IRQ generation when requested conversion of channels AN11 and AN10 is completed 0 = IRQ is not generated bit 14 PEND5: Pending Conversion Status 5 bit 1 = Conversion of channels AN11 and AN10 is pending; set when selected trigger is asserted 0 = Conversion is complete bit 13 SWTRG5: Software Trigger 5 bit 1 = Start conversion of AN11 and AN10 (if selected in TRGSRC bits)(2) This bit is automatically cleared by hardware when the PEND5 bit is set. 0 = Conversion is not started Note 1: This register is only implemented on the dsPIC33FJ16GS504 devices. 2: If other conversions are in progress, then conversion will be performed when the conversion resources are available. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |