| Electronic Components Datasheet Search |
|
MSP430F6775IPEU Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F6775IPEU Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 157 page ![]() ECCN 5E002 TSPA - Technology / Software Publicly Available MSP430F677x MSP430F676x MSP430F674x www.ti.com SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013 SD24_B Triggers Table 24 shows the input trigger connections to SD24_B converters from Timer_A modules and output trigger pulse connection from SD24_B to ADC10_A. Table 24. SD24_B Input/Output Trigger Connections MODULE OUTPUT DEVICE OUTPUT DEVICE INPUT SIGNAL MODULE INPUT SIGNAL MODULE BLOCK SIGNAL SIGNAL SD24_B ADC10_A (internal) TA0.1 (internal) SD24CHx.SD24SCSx = Trigger Pulse ADC10SHSx = 011b 001b SD24_B TA2.1 (internal) SD24CHx.SD24SCSx = SD24_B 010b SD24_B TA3.1 (internal) SD24CHx.SD24SCSx = 011b ADC10_A Triggers Table 25 shows input trigger connections to ADC10_A from Timer_A modules and SD24_B. Table 25. ADC10_A Input Trigger Connections DEVICE INPUT SIGNAL MODULE INPUT SIGNAL MODULE BLOCK ADC10_A TA0.1 (internal) ADC10SHSx = 001b ADC10_A TA3.0 (internal) ADC10_A ADC10SHSx = 010b SD24_B ADC10_A trigger pulse (internal) ADC10SHSx = 011b Real-Time Clock (RTC_C) (Link to User's Guide) The RTC_C module can be configured for real-time clock (RTC) and calendar mode providing seconds, hours, day of week, day of month, month, and year. The RTC_C control and configuration registers are password protected to ensure clock integrity against run away code. Calendar mode integrates an internal calendar that compensates for months with less than 31 days and includes leap year correction. The RTC_C also supports flexible alarm functions, offset calibration, temperature compensation and time capture on two external events. The RTC_C on this device operates on dedicated AUXVCC3 supply and supports operation in LPM3.5. REF Voltage Reference (Link to User's Guide) The reference module (REF) is responsible for generation of all critical reference voltages that can be used by the various analog peripherals in the device. These include the ADC10_A, LCD_C, and SD24_B modules. LCD_C (Link to User's Guide) The LCD_C driver generates the segment and common signals required to drive a liquid crystal display (LCD). The LCD_C controller has dedicated data memories to hold segment drive information. Common and segment signals are generated as defined by the mode. Static, 2-mux, 3-mux, 4-mux, up to 8-mux LCDs are supported. The module can provide a LCD voltage independent of the supply voltage with its integrated charge pump. It is possible to control the level of the LCD voltage and thus contrast by software. The module also provides an automatic blinking capability for individual segments in static, 2-mux, 3-mux, and 4-mux modes. Comparator_B (Link to User's Guide) The primary function of the Comparator_B module is to support precision slope analog-to-digital conversions, battery voltage supervision, and monitoring of external analog signals. Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback 39 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |