Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS26LS32M Datasheet(PDF) 3 Page - Texas Instruments

Part # DS26LS32M
Description  DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS26LS32M Datasheet(HTML) 3 Page - Texas Instruments

  DS26LS32M Datasheet HTML 1Page - Texas Instruments DS26LS32M Datasheet HTML 2Page - Texas Instruments DS26LS32M Datasheet HTML 3Page - Texas Instruments DS26LS32M Datasheet HTML 4Page - Texas Instruments DS26LS32M Datasheet HTML 5Page - Texas Instruments DS26LS32M Datasheet HTML 6Page - Texas Instruments DS26LS32M Datasheet HTML 7Page - Texas Instruments DS26LS32M Datasheet HTML 8Page - Texas Instruments DS26LS32M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS26LS32AC, DS26LS32C, DS26LS32M, DS26LS33M
www.ti.com
SNLS352C – MAY 1999 – REVISED FEBRUARY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
7V
Common-Mode Range
±25V
Differential Input Voltage
±25V
Enable Voltage
7V
Output Sink Current
50 mA
Maximum Power Dissipation (3) at 25°C
Cavity Package
1433 mW
Molded DIP Package
1362 mW
SOIC Package(4) DS26LS32
1002 mW
DS26LS32A
1051 mW
Storage Temperature Range
−65°C to +165°C
Lead Temperature (Soldering, 4 seconds)
260°C
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to
imply that the device should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device
operation.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Derate cavity package 9.6 mW/°C above 25°C; derate molded DIP package 10.9 mW/°C above 25°C.
(4)
Derate SOIC Package 8.01 mW/°C for DS26LS32
8.41 mW/°C for DS26LS32A
Operating Conditions
Min
Max
Units
Supply Voltage, (VCC)
DS26LS32M, DS26LS33M (MIL)
4.5
5.5
V
DS26LS32C, DS26LS32AC (COML)
4.75
5.25
V
Temperature, (TA)
DS26LS32M, DS26LS33M (MIL)
−55
+125
°C
DS26LS32C, DS26LS32AC (COML)
0
+70
°C
Electrical Characteristics
(1) (2) (3)
over the operating temperature range unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VTH
Differential Input Voltage
VOUT = VOH or
DS26LS32, DS26LS32A,
−7V ≤ VCM ≤ +7V
−0.2
±0.07
0.2
V
VOL
DS26LS33, DS26LS33A,
−15V ≤ VCM +15V
−0.5
±0.14
0.5
V
RIN
Input Resistance
−15V ≤ VCM ≤ +15V (One Input AC GND)
6.0
8.5
k
Ω
IIN
Input Current (Under
V IN = 15V, Other Input −15V ≤ VIN ≤ +15V
2.3
mA
Test)
V IN = −15V, Other Input −15V ≤ VIN ≤ +15V
−2.8
mA
VOH
Output High Voltage
VCC = MIN, ΔVIN = 1V,
Commercial
2.7
4.2
V
VENABLE = 0.8V, IOH = −440 μA
Military
2.5
4.2
V
VOL
Output Low Voltage
VCC = Min, ΔVIN = −1V,
IOL = 4 mA
0.4
V
VENABLE = 0.8V
IOL = 8 mA
0.45
V
VIL
Enable Low Voltage
0.8
V
VIH
Enable High Voltage
2.0
V
VI
Enable Clamp Voltage
VCC = Min, IIN = −18 mA
−1.5
V
(1)
All currents into device pins are shown as positive, all currents out of device pins are shown as negative, all voltages are referenced to
ground, unless otherwise specified. All values shown as max or min are so classified on absolute value basis.
(2)
All typical values are VCC = 5V, TA = 25°C.
(3)
Only one output at a time should be shorted.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS26LS32AC DS26LS32C DS26LS32M DS26LS33M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com