Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS101TI/MM Datasheet(PDF) 26 Page - Microchip Technology

Part # DSPIC33FJ06GS101TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TI/MM Datasheet(HTML) 26 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TI/MM Datasheet HTML 22Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 23Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 24Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 25Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 26Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 27Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 28Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 29Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 24
Preliminary
© 2009 Microchip Technology Inc.
FIGURE 2-6:
SINGLE-PHASE SYNCHRONOUS BUCK CONVERTER
FIGURE 2-7:
MULTI-PHASE SYNCHRONOUS BUCK CONVERTER
k1
Analog
Comp.
k2
k7
ADC
Channel
ADC
Channel
5V Output
I5V
12V Input
FET
Driver
dsPIC33FJ06GS202
k5
k4
k3
k6
k7
Analog Comparator
Analog Comparator
ADC Channel
Analog Comparator
ADC
Channel
PWM
PWM
3.3V Output
12V Input
FET
Driver
FET
Driver
FET
Driver
dsPIC33FJ06GS502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com