Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ06GS101TI/MM Datasheet(PDF) 101 Page - Microchip Technology

Part # DSPIC33FJ06GS101TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TI/MM Datasheet(HTML) 101 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TI/MM Datasheet HTML 97Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 98Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 99Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 100Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 101Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 102Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 103Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 104Page - Microchip Technology DSPIC33FJ06GS101TI/MM Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 99
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
7.3
Interrupt Control and Status
Registers
The dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 devices implement 27 registers for the interrupt
controller:
• INTCON1
• INTCON2
•IFSx
•IECx
•IPCx
•INTTREG
7.3.1
INTCON1 AND INTCON2
Global interrupt control functions are controlled from
INTCON1 and INTCON2. INTCON1 contains the
Interrupt Nesting Disable (NSTDIS) bit as well as the
control and status flags for the processor trap sources.
The INTCON2 register controls the external interrupt
request signal behavior and the use of the Alternate
Interrupt Vector Table.
7.3.2
IFSx
The IFSx registers maintain all of the interrupt request
flags. Each source of interrupt has a status bit, which is
set by the respective peripherals or external signal and
is cleared via software.
7.3.3
IECx
The IECx registers maintain all of the interrupt enable
bits. These control bits are used to individually enable
interrupts from the peripherals or external signals.
7.3.4
IPCx
The IPCx registers are used to set the Interrupt Priority
Level for each source of interrupt. Each user interrupt
source can be assigned to one of eight priority levels.
7.3.5
INTTREG
The INTTREG register contains the associated
interrupt vector number and the new CPU Interrupt
priority Level, which are latched into the Vector Number
(VECNUM<6:0>) and Interrupt Level (ILR<3:0>) bit
fields in the INTTREG register. The new Interrupt
Priority Level is the priority of the pending interrupt.
The interrupt sources are assigned to the IFSx, IECx
and IPCx registers in the same sequence that they are
listed in Table 7-1. For example, the INT0 (External
Interrupt 0) is shown as having vector number 8 and a
natural order priority of 0. Thus, the INT0IF bit is found
in IFS0<0>, the INT0IE bit is found in IEC0<0> and the
INT0IP bits are found in the first position of IPC0
(IPC0<2:0>).
7.3.6
STATUS/CONTROL REGISTERS
Although they are not specifically part of the interrupt
control hardware, two of the CPU Control registers
contain bits that control interrupt functionality.
• The CPU STATUS register, SR, contains the
IPL<2:0> bits (SR<7:5>). These bits indicate the
current CPU interrupt Priority Level. The user can
change the current CPU priority level by writing to
the IPL bits.
• The CORCON register contains the IPL3 bit,
which together with IPL<2:0>, indicates the
current CPU priority level. IPL3 is a read-only bit
so that trap events cannot be masked by the user
software.
All Interrupt registers are described in Register 7-1
through Register 7-35 in the following pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com